Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL1700EG/2K Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PLL1700EG/2K
Description  MULTI-CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLL1700EG/2K Datasheet(HTML) 3 Page - Texas Instruments

  PLL1700EG/2K Datasheet HTML 1Page - Texas Instruments PLL1700EG/2K Datasheet HTML 2Page - Texas Instruments PLL1700EG/2K Datasheet HTML 3Page - Texas Instruments PLL1700EG/2K Datasheet HTML 4Page - Texas Instruments PLL1700EG/2K Datasheet HTML 5Page - Texas Instruments PLL1700EG/2K Datasheet HTML 6Page - Texas Instruments PLL1700EG/2K Datasheet HTML 7Page - Texas Instruments PLL1700EG/2K Datasheet HTML 8Page - Texas Instruments PLL1700EG/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PLL1700
3
SBOS096A
www.ti.com
ELECTRICAL CHARACTERISTICS
All specifications at TA = +25°C, VDD = VDDP = +5V, VDDB = +3.3V, fM = 27MHz crystal oscillation, and fS = 48kHz, unless otherwise noted.
PLL1700E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUT/OUTPUT
Input Logic Level:
TTL-Compatible
VIH(1)
2.0
VDC
VIL(1)
0.8
VDC
VIH(2)
1.2
VDC
VIL(2)
0.4
VDC
Input Logic Current:
IIH(1)
VIN = VDD
200
µA
IIL(1)
VIN = 0V
–1
µA
IIH(2)
VIN = VDD
4mA
IIL(2)
VIN = 0V
–800
µA
Output Logic Level:
CMOS
VOH(3)
IOH = 4mA
VDDB – 0.4V
VDC
VOL(3)
IOL = 4mA
0.4
VDC
Sampling Frequency (fS)
Standard fS
32
44.1
48
kHz
Double fS
64
88.2
96
kHz
MASTER CLOCK (MCKO, MCKO)
fM = 27MHz, CL = 20pF
Master Clock Frequency
26.73
27
27.27
MHz
Clock Jitter(4)
300
ps
Clock Duty Cycle
MCKO
C1 = C2 = 15pF
40
50
60
%
For Crystal Oscillation
MCKO
40
50
60
%
Clock Duty Cycle
MCKO
40
%
For External Clock
MCKO
60
%
PHASE LOCK LOOP (PLL)
fM = 27MHz, CL = 20pF
Generated System Clock Frequency
SCKO1
Fixed
33.8688
MHz
SCKO2
256fS
8.192
24.576
MHz
SCKO3
384fS
12.288
36.864
MHz
SCKO4
768fS
24.576
36.864
MHz
Generated Clock Rise Time(3)
20% to 80% VDDB
5ns
Generated Clock Fall Time(3)
80% to 20% VDDB
5ns
Generated Clock Duty Cycle
SCKO1, SCKO3, SCKO4
40
50
60
%
SCKO2 (standard)
40
50
60
%
SCKO2 (double)(5)
25
33
40
%
Generated Clock Jitter(4)
SCKO1, SCKO2 (standard), SCKO4
300
ps
SCKO3
150
ps
SCKO2 (double)
450
ps
Settling Time
To Programmed Frequency
20
ms
Power-Up Time
To Programmed Frequency
15
30
ms
POWER SUPPLY REQUIREMENTS
Voltage Range
VDD, VDDP
+4.5
+5
+5.5
VDC
VDDB
+2.7
+3.3
+3.6
VDC
Supply Current(6):
IDD + IDDP
VDD = VDDP = 5V, fS = 48kHz
11
16
mA
IDDB
VDDB = +3.3V, fS = 48kHz
6
9
mA
Power Dissipation
fS = 48kHz
75
110
mW
TEMPERATURE RANGE
Operation
–25
+85
°C
Storage
–55
+125
°C
NOTES: (1) ML, MC, MD, MODE, RST (Schmitt-trigger input with internal pull-down resistor).
(2) XT1, when an external 27MHz clock is used, the buffer ICs, such as 74HC04, are recommended to interface to XT1.
(3) MCKO, MCKO, SCKO4, SCKO3, SCKO2, and SCKO1.
(4) Jitter performance is specified as standard deviation of jitter under 27MHz crystal oscillation.
(5) When SCKO2 is set to double rate clock output, its duty cycle is 33%.
(6) fM = 27MHz crystal oscillation, no load on MCKO, MCKO, SCKO4, SCKO3, SCKO2, and SCKO1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com