Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M74HC4052M1R Datasheet(PDF) 3 Page - STMicroelectronics

Part # M74HC4052M1R
Description  DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4052M1R Datasheet(HTML) 3 Page - STMicroelectronics

  M74HC4052M1R Datasheet HTML 1Page - STMicroelectronics M74HC4052M1R Datasheet HTML 2Page - STMicroelectronics M74HC4052M1R Datasheet HTML 3Page - STMicroelectronics M74HC4052M1R Datasheet HTML 4Page - STMicroelectronics M74HC4052M1R Datasheet HTML 5Page - STMicroelectronics M74HC4052M1R Datasheet HTML 6Page - STMicroelectronics M74HC4052M1R Datasheet HTML 7Page - STMicroelectronics M74HC4052M1R Datasheet HTML 8Page - STMicroelectronics M74HC4052M1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
M74HC4052
3/12
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
(*) 500mW at 65
°C; derate to 300mW by 10mW/°C from 65°C to 85°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VCC - VEE Supply Voltage
-0.5 to +13
V
VI
Control Input Voltage
-0.5 to VCC + 0.5
V
VI/O
Switch I/O Voltage
VEE -0.5 to VCC + 0.5
V
ICK
Control Input Diode Current
± 20
mA
IIOK
I/O Diode Current
± 20
mA
IT
Switch Through Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
PD
Power Dissipation
500(*)
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2 to 6
V
VEE
Supply Voltage
-6 to 0
V
VCC - VEE Supply Voltage
2 to 12
V
VI
Input Voltage
0 to VCC
V
VI/O
I/O Voltage
VEE to VCC
V
Top
Operating Temperature
-55 to 125
°C
tr, tf
Input Rise and Fall Time
VCC = 2.0V
0 to 1000
ns
VCC = 4.5V
0 to 500
VCC = 6.0V
0 to 400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com