Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLTS152 Datasheet(PDF) 3 Page - Texas Instruments

Part # SLTS152
Description  40-A Programmable Integrated
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLTS152 Datasheet(HTML) 3 Page - Texas Instruments

  SLTS152 Datasheet HTML 1Page - Texas Instruments SLTS152 Datasheet HTML 2Page - Texas Instruments SLTS152 Datasheet HTML 3Page - Texas Instruments SLTS152 Datasheet HTML 4Page - Texas Instruments SLTS152 Datasheet HTML 5Page - Texas Instruments SLTS152 Datasheet HTML 6Page - Texas Instruments SLTS152 Datasheet HTML 7Page - Texas Instruments SLTS152 Datasheet HTML 8Page - Texas Instruments SLTS152 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Note A:
Characteristic data in the above graphs has been developed from actual products tested at 25°C. This data is considered typcial for the ISR.
Note B:
SOA curves represent conditions at which internal components are at or below manufacturer’s maximum operating temperatures.
Typical Characteristics
PT7761—5V
40-A Programmable Integrated
Switching Regulator Module
50
60
70
80
90
100
0
8
16
24
32
40
Iout (A)
3.3V
2.5V
1.8V
VOUT
0
10
20
30
40
50
60
0
8
16
24
32
40
Iout (A)
2.5V
1.8V
3.3V
VOUT
0
4
8
12
16
20
0
8
16
24
32
40
Iout (A)
3.3V
2.5V
1.8V
VOUT
Characteristic Data, VIN =5VDC (See Note A)
Efficiency vs. Output Current
Ripple Voltage vs. Output Current
Power Dissipation vs. Output Current
Safe Operating Area Curves (See Note B)
20
30
40
50
60
70
80
90
0
8
16
24
32
40
Iout (A)
400LFM
200LFM
Nat conv
Airflow
PT7761 @Vin =5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com