Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBR20100CS2-G1 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # MBR20100CS2-G1
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR20100CS2-G1 Datasheet(HTML) 5 Page - Diodes Incorporated

  MBR20100CS2-G1 Datasheet HTML 1Page - Diodes Incorporated MBR20100CS2-G1 Datasheet HTML 2Page - Diodes Incorporated MBR20100CS2-G1 Datasheet HTML 3Page - Diodes Incorporated MBR20100CS2-G1 Datasheet HTML 4Page - Diodes Incorporated MBR20100CS2-G1 Datasheet HTML 5Page - Diodes Incorporated MBR20100CS2-G1 Datasheet HTML 6Page - Diodes Incorporated MBR20100CS2-G1 Datasheet HTML 7Page - Diodes Incorporated MBR20100CS2-G1 Datasheet HTML 8Page - Diodes Incorporated MBR20100CS2-G1 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MBR20100C
Document number: DS36950 Rev. 5 - 2
5 of 13
www.diodes.com
July 2015
© Diodes Incorporated
MBR20100C
Maximum Ratings (Each Diode Leg) (Note 4)
Characteristic
Symbol
Rating
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
Average Rectified Forward Current
(Rated VR) TC = +122C
IF(AV)
10
A
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20kHz) TC = +118C
IFRM
20
A
Non Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Half Wave,
Single Phase, 60Hz)
IFSM
150
A
Non Repetitive Peak Reverse Current, tP = 3µs
IRSM
2
A
Operating Junction Temperature Range (Note 5)
TJ
+150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Voltage Rate of Change (Rated VR)
dv/dt
10000
V/µs
ESD (Machine Model = C)
–
>400
V
ESD (Human Body Model = 3B)
–
>8000
V
Notes:
4.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
5. The heat generated must be less than the thermal conductivity from Junction to Ambient: dPD/dTJ < 1/θJA.
Thermal Characteristics
Characteristic
Symbol
Rating
Unit
Maximum Thermal Resistance (Junction to Case)
(Note 6)
RθJC
TO-220-3 (2)
2.5
oC/W
TO-220F-3 (Option 1)
4.5
TO-252-2 (1)
2.0
TO-263-2
2.0
Maximum Thermal Resistance (Junction to Ambient)
(Note 6)
RθJA
TO-220-3 (2)
60
oC/W
TO-220F-3 (Option 1)
60
TO-252-2 (1)
50
TO-263-2
50
Note 6:
Device mounted on heat sink, with minimum recommended pad layout per http://www.diodes.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com