| Electronic Components Datasheet Search |
|
P89C668 Datasheet(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P89C668 Datasheet(HTML) 21 Page - NXP Semiconductors |
|
21 / 54 page ![]() Philips Semiconductors Preliminary data P89C668 80C51 8-bit Flash microcontroller family 64KB ISP Flash with 8KB RAM 2001 Jul 27 21 Reduced EMI Mode The AO bit (AUXR.0) in the AUXR register when set disables the ALE output. Reduced EMI Mode AUXR (8EH) 7 6 54 32 1 0 – – – – – – EXTRAM AO AUXR.1 EXTRAM AUXR.0 AO Turns off ALE output. Dual DPTR The dual DPTR structure (see Figure 14) is a way by which the chip will specify the address of an external data memory location. There are two 16-bit DPTR registers that address the external memory, and a single bit called DPS = AUXR1/bit0 that allows the program code to switch between them. • New Register Name: AUXR1# • SFR Address: A2H • Reset Value: xxxxxxx0B AUXR1 (A2H) 7 6 5 43210 – – ENBOOT – GF2 0 – DPS Where: DPS = AUXR1/bit0 = Switches between DPTR0 and DPTR1. Select Reg DPS DPTR0 0 DPTR1 1 The DPS bit status should be saved by software when switching between DPTR0 and DPTR1. The GF2 bit is a general purpose user-defined flag. Note that bit 2 is not writable and is always read as a zero. This allows the DPS bit to be quickly toggled simply by executing an INC AUXR1 instruction without affecting the GF2 bit. The ENBOOT bit determines whether the BOOTROM is enabled or disabled. This bit will automatically be set if the status byte is non zero during reset or PSEN is pulled low, ALE floats high, and EA > VIH on the falling edge of reset. Otherwise, this bit will be cleared during reset. DPS DPTR1 DPTR0 DPH (83H) DPL (82H) EXTERNAL DATA MEMORY SU00745A BIT0 AUXR1 Figure 14. DPTR Instructions The instructions that refer to DPTR refer to the data pointer that is currently selected using the AUXR1/bit 0 register. The six instructions that use the DPTR are as follows: INC DPTR Increments the data pointer by 1 MOV DPTR, #data16 Loads the DPTR with a 16-bit constant MOV A, @ A+DPTR Move code byte relative to DPTR to ACC MOVX A, @ DPTR Move external RAM (16-bit address) to ACC MOVX @ DPTR , A Move ACC to external RAM (16-bit address) JMP @ A + DPTR Jump indirect relative to DPTR The data pointer can be accessed on a byte-by-byte basis by specifying the low or high byte in an instruction which accesses the SFRs. See application note AN458 for more details. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |