Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F5X Datasheet(PDF) 77 Page - Microchip Technology

Part # PIC16F5X
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F5X Datasheet(HTML) 77 Page - Microchip Technology

Back Button PIC16F5X Datasheet HTML 73Page - Microchip Technology PIC16F5X Datasheet HTML 74Page - Microchip Technology PIC16F5X Datasheet HTML 75Page - Microchip Technology PIC16F5X Datasheet HTML 76Page - Microchip Technology PIC16F5X Datasheet HTML 77Page - Microchip Technology PIC16F5X Datasheet HTML 78Page - Microchip Technology PIC16F5X Datasheet HTML 79Page - Microchip Technology PIC16F5X Datasheet HTML 80Page - Microchip Technology PIC16F5X Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 90 page
background image
 2004 Microchip Technology Inc.
DS41213C-page 75
PIC16F5X
20-Lead Plastic Shrink Small Outline (SS) – 209 mil, 5.30 mm (SSOP)
0.38
-
0.22
.015
-
.009
B
Lead Width
8°
4°
0°
8°
4°
0°
f
Foot Angle
0.25
-
0.09
.010
-
.004
c
Lead Thickness
0.95
0.75
0.55
.037
.030
.022
L
Foot Length
7.50
7.20
.295
.289
.283
.272
D
Overall Length
5.60
5.30
5.00
.220
.209
.197
E1
Molded Package Width
8.20
7.80
7.40
.323
.307
.291
E
Overall Width
-
-
0.05
-
-
.002
A1
Standoff
1.85
1.75
1.65
.073
.069
.065
A2
Molded Package Thickness
2.00
-
-
.079
-
-
A
Overall Height
0.65
.026
p
Pitch
20
20
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS*
INCHES
Units
2
1
D
p
n
B
E
E1
L
c
f
A2
A
A1
shall not exceed .010" (0.254mm) per side.
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions
Notes:
JEDEC Equivalent: MO-150
Drawing No. C04-072
*Controlling Parameter
Revised 11/03/03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com