Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC87591E-VLB Datasheet(PDF) 94 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E-VLB
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E-VLB Datasheet(HTML) 94 Page - National Semiconductor (TI)

Back Button PC87591E-VLB Datasheet HTML 90Page - National Semiconductor (TI) PC87591E-VLB Datasheet HTML 91Page - National Semiconductor (TI) PC87591E-VLB Datasheet HTML 92Page - National Semiconductor (TI) PC87591E-VLB Datasheet HTML 93Page - National Semiconductor (TI) PC87591E-VLB Datasheet HTML 94Page - National Semiconductor (TI) PC87591E-VLB Datasheet HTML 95Page - National Semiconductor (TI) PC87591E-VLB Datasheet HTML 96Page - National Semiconductor (TI) PC87591E-VLB Datasheet HTML 97Page - National Semiconductor (TI) PC87591E-VLB Datasheet HTML 98Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
94
Revision 1.07
Block Length Counter Register (BLTCn)
A double-word, read/write register. Holds the current number of DMA transfers to be executed in the current block. BLTCn
is decremented by one after each transfer cycle. A DMA transfer may consist of one or two bytes according to TCS bit in
DMACNTLn register.
Location: Channel 0 - 00 FA1016
Channel 1 - 00 FA3016
Channel 2 - 00 FA5016
Channel 3 - 00 FA7016
Type: R/W
Note: Writing 0 to Block Length Counter field of BLTCn initializes the DMA for 221-1 transfers.
Block Length Register (BLTRn)
A double-word, read/write register. Holds the number of DMA transfers to be executed in the next block. Writing this register,
sets VLD bit in DMASTATn register to 1.
Location: Channel 0 - 00 FA1416
Channel 1 - 00 FA3416
Channel 2 - 00 FA5416
Channel 3 - 00 FA7416
Type: R/W
Note: writing 0 to Block Length field of BLTRn initializes the DMA for 221-1 transfers.
DMA Control Register (DMACNTLn)
A word-wide, read/write register that synchronizes the channel’s operation with the programing of the block transfer param-
eters. On reset, the implemented bits are initialized to 0.
The format of the DMACNTLn register is shown below.
Location: Channel 0 - 00 FA1C16
Channel 1 - 00 FA3C16
Channel 2 - 00 FA5C16
Channel 3 - 00 FA7C16
Type: R/W
Bit
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9876543210
Name
Reserved
Block Length Counter
Bit
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9876543210
Name
Reserved
Block Length
Bit
15
14
13
12
11
10
9
8
Name
Reserved
INCB
ADB
INCA
ADA
SWRQ
Reset
0000000
Bit
76543210
Name
BPC
OT
DIR
IND
TCS
EOVR
ETC
CHEN
Reset
00000000
Bit
Description
0
CHEN (Channel Enable). Must be set to enable DMA operation on this channel
0: Channel disabled
1: Channel enabled
If CHEN bit in DMACNTLn register is cleared in all channels, the DMA clock is disabled to preserve power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com