Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

16F54 Datasheet(PDF) 61 Page - Microchip Technology

Part # 16F54
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F54 Datasheet(HTML) 61 Page - Microchip Technology

Back Button 16F54 Datasheet HTML 57Page - Microchip Technology 16F54 Datasheet HTML 58Page - Microchip Technology 16F54 Datasheet HTML 59Page - Microchip Technology 16F54 Datasheet HTML 60Page - Microchip Technology 16F54 Datasheet HTML 61Page - Microchip Technology 16F54 Datasheet HTML 62Page - Microchip Technology 16F54 Datasheet HTML 63Page - Microchip Technology 16F54 Datasheet HTML 64Page - Microchip Technology 16F54 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 90 page
background image
 2004 Microchip Technology Inc.
DS41213C-page 59
PIC16F5X
11.0
ELECTRICAL SPECIFICATIONS FOR PIC16F54/57
Absolute Maximum Ratings(†)
Ambient Temperature under bias ......................................................................................................... -40°C to +125°C
Storage Temperature ........................................................................................................................... -65°C to +150°C
Voltage on VDD with respect to VSS ............................................................................................................ 0V to +6.5V
Voltage on MCLR with respect to VSS(1) ................................................................................................... 0V to +13.5V
Voltage on all other pins with respect to VSS ............................................................................... -0.6V to (VDD + 0.6V)
Total power dissipation(2) .................................................................................................................................. 800 mW
Max. current out of VSS pin ................................................................................................................................ 150 mA
Max. current into VDD pin ................................................................................................................................... 100 mA
Max. current into an input pin (T0CKI only)....................................................................................................... ±500
µA
Input clamp current, IIK (VI < 0 or VI > VDD) ....................................................................................................... ±20 mA
Output clamp current, IOK (VO < 0 or VO > VDD) ................................................................................................ ±20 mA
Max. output current sunk by any I/O pin .............................................................................................................. 25 mA
Max. output current sourced by any I/O pin ......................................................................................................... 25 mA
Max. output current sourced by a single I/O port (PORTA, B or C) ..................................................................... 50 mA
Max. output current sunk by a single I/O port (PORTA, B or C)........................................................................... 50 mA
Note 1: Voltage spikes below VSS at the MCLR pin, inducing currents greater than 80 mA, may cause latch-up.
Thus, a series resistor of 50 to 100
Ω should be used when applying a “low” level to the MCLR pin rather
than pulling this pin directly to VSS.
2: Power Dissipation is calculated as follows: Pdis = VDD x {IDD –
∑ IOH} + ∑ {(VDD – VOH) x IOH} + ∑(VOL x IOL)
†NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com