Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ANT-CAB-400-N-RPSMA-X Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # ANT-CAB-400-N-RPSMA-X
Description  Flat Panel Directional Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

ANT-CAB-400-N-RPSMA-X Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  ANT-CAB-400-N-RPSMA-X Datasheet HTML 1Page - Red Lion Controls. Inc ANT-CAB-400-N-RPSMA-X Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our award-winning
technology enables companies worldwide to gain real-time data
visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the
company has offices across the Americas, Asia-Pacific and Europe.
For more information, please visit www.redlion.net. Red Lion is a
Spectris company.
w w w .r edlion.net
Connect. Monitor. Control.
ADLD0368 110113 ©2013 Red Lion Controls
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
ANT-PAD24-14 Specifications
N-Tron ANT-PAD24-14 Ordering Information
ANT-PAD24-14
Flat Panel Directional Antenna
ANT-CAB-400-N-RPSMA-X
Low Loss Coaxial Antenna cable; 1 RP-SMA and 1 N-Male connector for use with 702-W
ANT-CAB-400-N-RPTNC-X
Low Loss Coaxial Antenna cable 1 RP-TNC and 1 N-Male connector for use with 702M12-W
ANT-CAB-195-RPSMA-RPSMA-X 702-W Antenna Bulkhead extention cable set; Each cable includes (1) Straight RP-SMA Bulkhead
Jack and (1) 90° RP-SMA plug (package of 3). For use when mounting a 702-W in an enclosure.
ANT-LA6-NFF
2-6GHz quarter wave lightning arrestor (N-Female to N-Female, less than 0.2dB insertion loss,
IP65, -40 to 85°C)
ANT-CAB-400-N-X
Low loss CA-400 coaxial cable with (2) N-Male connectors (for use with the ANT-LA6-NFF
lightning arrestor)
® 2012 N-Tron Corporation. N-Tron and the N-Tron logo are trademarks of N-Tron Corporation. Product names mentioned herein are for identification purposes only and may
be trademarks and/or registered trademarks of their respective company. Specifications subject to change without notice. The responsibility for the use and application of N-Tron
products rests with the end user. N-Tron makes no warranties as to the fitness or suitability of any N-Tron product for any specific application. N-Tron Corporation shall not be liable
for any damage resulting from the installation, use, or misuse of this product. Printed in USA. REV 2013.11.01
THEINDUSTRIALNETWORKCOMPANY
N-TRON USA & Corporate Headquarters
3101 International Blvd. Building 6
Mobile, AL 36606 • USA
Phone +1-251-342-2164
Fax +1-251-342-6353
www.n-tron.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com