Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZXLD1360Q Datasheet(PDF) 21 Page - Diodes Incorporated

Part # ZXLD1360Q
Description  AUTOMOTIVE GRADE 30V 1A LED DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1360Q Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button ZXLD1360Q Datasheet HTML 14Page - Diodes Incorporated ZXLD1360Q Datasheet HTML 15Page - Diodes Incorporated ZXLD1360Q Datasheet HTML 16Page - Diodes Incorporated ZXLD1360Q Datasheet HTML 17Page - Diodes Incorporated ZXLD1360Q Datasheet HTML 18Page - Diodes Incorporated ZXLD1360Q Datasheet HTML 19Page - Diodes Incorporated ZXLD1360Q Datasheet HTML 20Page - Diodes Incorporated ZXLD1360Q Datasheet HTML 21Page - Diodes Incorporated ZXLD1360Q Datasheet HTML 22Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
ZXLD1360Q
Document number: DS37115 Rev. 1 - 2
21 of 22
www.diodes.com
September 2015
© Diodes Incorporated
ZXLD1360Q
Ordering Information
Device
Packaging
(Note 9)
Part Mark
Package
Code
Packing: 7” Tape and Reel
Qualification
(Note 10)
Quantity per reel
Reel width Part Number Suffix
ZXLD1360QET5TA
TSOT25
1360
ET5
3,000
8mm
TA
Automotive Grade
Notes: 9.
Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
10. ZXLD1360Q has been qualified to AEC-Q100 grade 1 and
is classified as “Automotive Grade” supporting PPAP documentation.
See ZXLD1360 datasheet for commercial qualified versions.
Marking Information
TSOT25
XXXX : Identification code: 1360
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
TSOT25
TSOT25
Dim
Min
Max
Typ
A
-
1.00
-
A1
0.01
0.10
-
A2
0.84
0.90
-
b
0.30
0.45
-
c
0.12
0.20
-
D
-
-
2.90
E
-
-
2.80
E1
-
-
1.60
e
0.95 BSC
e1
1.90 BSC
L
0.30
0.50
L2
0.25 BSC
θ
0°
8°
4°
θ1
4°
12°
-
All Dimensions in mm
Dimensions
Value (in mm)
C
0.950
X
0.700
Y
1.000
Y1
3.199
D
E1
E1/2
e1
E
E/2
e
A
A2
A1
Seating Plane
0
L2
L
Gauge Plane
01(4x)
01(4x)
c
b
Seating Plane
Y1
C
X
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com