Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC75S59F Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # TC75S59F
Description  General-Purpose Linear ICs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TC75S59F Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TC75S59F Datasheet HTML 6Page - List of Unclassifed Manufacturers TC75S59F Datasheet HTML 7Page - List of Unclassifed Manufacturers TC75S59F Datasheet HTML 8Page - List of Unclassifed Manufacturers TC75S59F Datasheet HTML 9Page - List of Unclassifed Manufacturers TC75S59F Datasheet HTML 10Page - List of Unclassifed Manufacturers TC75S59F Datasheet HTML 11Page - List of Unclassifed Manufacturers TC75S59F Datasheet HTML 12Page - List of Unclassifed Manufacturers TC75S59F Datasheet HTML 13Page - List of Unclassifed Manufacturers TC75S59F Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
126
Transistor Arrays
(Transistor Array/Interface Driver Series) (continued)
Part Number
Device Type
No. of
Circuits
Output Clamp
Diode
Output Breakdown
Voltage (V)
Output Current
(mA)
Input Resistor
(
Ω)
Recommended
System Supply
Voltage (V)
Package
TD62387AP/AF/AFN
Low-input-active darlington driver
8
50
500
14 k + D.
5 to 7
DIP20/SOP20
SSOP20
TD62388AP/AF/AFN
Low-input-active darlington driver
8
50
500
14 k + D.
5 to 7
DIP20/SOP20
SSOP20
TD62501P/F
Single-transistor array (common-emitter)
7
35
200
NA
Any
DIP16/SOP16
TD62502P/F/FN
Single-transistor array (common-emitter)
7
35
200
10.5 k + 7 VZ.D.
14 to 25
DIP16/SOP16
SSOP16
TD62503P/F/FN
Single-transistor array (common-emitter)
7
35
200
2.7 k
5
DIP16/SOP16
SSOP16
TD62504P/F/FN
Single-transistor array (common-emitter)
7
35
200
10.5 k
6 to 15
DIP16/SOP16
SSOP16
TD62505P/F
Single-transistor array (common-collector)
7
35
−200
NA
Any
DIP16/SOP16
TD62506P/F
Single-transistor array (common-collector)
7
35
−200
2.7 k
5
DIP16/SOP16
TD62507P/F
Isolated-type single-transistor array
5
35
−200
NA
Any
DIP16/SOP16
TD62551S
Single-transistor array (common-emitter)
4
25
150
NA
Any
SIP9
TD62553S
Single-transistor array (common-emitter)
4
25
150
2.7 k
5
SIP9
TD62554S
Single-transistor array (common-emitter)
4
25
150
10.5 k
6 to 15
SIP9
TD62555S
Single-transistor array (common-emitter)
4
25
150
20 k
12 to 25
SIP9
TD62583AP/AF
Single-transistor array (common-emitter)
8
50
50
2.7 k
5
DIP18/SOP18
TD62591AP
Single-transistor array (common-emitter)
8
50
200
NA
Any
DIP18
TD62592AP
Single-transistor array (common-emitter)
8
50
200
10.5 k
+ 7 VZ.D.
14 to 25
DIP18
TD62593AP/AFN
Single-transistor array (common-emitter)
8
50
200
2.7 k
5
DIP18/SSOP18
TD62594AP/AFN
Single-transistor array (common-emitter)
8
50
200
10.5 k
6 to 15
DIP18/SSOP18
TD62595AP/AF
Single-transistor array (common-emitter)
8
50
200
NA
Any
DIP18/SOP18
TD62596AP/AF
Single-transistor array (common-emitter)
8
50
200
10.5 k + 7 VZ.D.
14 to 25
DIP18/SOP18
TD62597AP/AF/AFN
Single-transistor array (common-emitter)
8
50
200
2.7 k
5
DIP18/SOP18
SSOP18
TD62598AP/AF/AFN
Single-transistor array (common-emitter)
8
50
200
10.5 k
6 to 15
DIP18/SOP18
SSOP18
TD62601P/F
Threshold-free driver (inverted output)
6
20
10
1 M
4 to 18
DIP16/SOP16
TD62602P/F
Threshold-free driver
(inverted output, open-collector)
6
20
10
1 M
4 to 18
DIP16/SOP16
TD62603P/F
Threshold-free driver (non-inverted output)
6
20
10
1 M
4 to 18
DIP16/SOP16
TD62604P/F
Threshold-free driver
(non-inverted output, open-collector)
6
20
10
1 M
4 to 18
DIP16/SOP16
TD62703P/F
High breakdown voltage, source-type driver
6
60
−50
2.7 k
5
DIP14/SOP14
TD62705P/F
High breakdown voltage, source-type driver
6
60
−50
47 k
6 to 15
DIP16/SOP16
TD62706P/F
High breakdown voltage, source-type driver
6
60
−50
10 k
5
DIP16/SOP16
TD62708N
Source-type darlington driver
(with Enable pin)
8
40
−1800
NA
5
DIP24N
TD62781AP
Source-type darlington driver
(with pull-down resistor)
8
60
−50
10 k
5
DIP18
TD62782F
Source-type darlington driver
(with pull-down resistor)
8
35
−50
20 k
6 to 15
SOP18
TD62783AP/AF/AFN
Source-type darlington driver
8
50
−500
10 k
5
DIP18/SOP18
SSOP18
TD62784AP/AF/AFN
Source-type darlington driver
8
50
−500
10 k
6 to 15
DIP18/SOP18
SSOP18
TD62785P/F
Source-type darlington driver
8
7
−500
5.6-k
pull-up
5
DIP18/SOP18
TD62786AP/AF/AFN
Source-type darlington driver
8
50
−500
14 k
5
DIP18/SOP18
SSOP18
TD62787AP/AF
Source-type darlington driver
8
50
−500
14 k + D.
5
DIP18/SOP18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com