Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KIA431BA Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KIA431BA
Description  SEMICONDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA431BA Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KIA431BA Datasheet HTML 1Page - KEC(Korea Electronics) KIA431BA Datasheet HTML 2Page - KEC(Korea Electronics) KIA431BA Datasheet HTML 3Page - KEC(Korea Electronics) KIA431BA Datasheet HTML 4Page - KEC(Korea Electronics) KIA431BA Datasheet HTML 5Page - KEC(Korea Electronics) KIA431BA Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2016. 03. 23
3/6
KIA431AA/BA/CA Series
Revision No : 3
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
MAXIMUM RATINGS (Ta=25
℃)
RECOMMENDED OPERATION CONDITION
CHARACTERISTICS
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reference Input
Voltage
KIA431AA (1.0%)
Vref
Figure 1
VKA=Vref , IK=10mA
2.470
2.495
2.520
V
KIA431BA (0.5%)
2.483
2.495
2.507
KIA431CA (0.3%)
2.487
2.495
2.503
Reference Input Voltage
Deviation Over Temperature Range
ΔVref
Figure 1
(Note 1)
VKA=Vref , IK=10mA,
Ta= 0
℃ to 70℃
-
5
17
mV
Ratio of Change in Reference Input
Voltage to Change in Cathode to
Anode Voltage
ΔVref/
ΔVKA
Figure 2
IK=10mA
ΔVKA=
10V
~Vref
-
-1.4
-2.7
mV/V
ΔVKA=
36V
~10V
-
-1.0
-2.0
Reference Input Current
Iref
Figure 2
IK=10mA, R1=10kΩ, R2=∞
-
0.3
4
μA
Reference Input Current
Deviation Over Temperature Range
ΔIref
Figure 2
IK=10mA, R1=10kΩ, R2=∞
-
0.15
1.2
μA
Minimum Cathode Current For Regulation
Imin
Figure 1
VKA=Vref
-
50
100
μA
Off-State Cathode Current
Ioff
Figure 3
VKA=36V, Vref=0V
-
0.05
0.9
μA
Dynamic Impedance
Zka
Figure 1
(Note 2)
VKA=Vref, IK=1.0~100mA,
f
≦1.0kHz
-
0.22
0.5
Note1) Package mounted on 99.5% Alumina 10
×8×0.6mm
SYMBOL
CONDITION
Min
Max
Unit
VKA
Cathode to Anode Voltage
Vref
36
V
IK
Cathode Current
0.1
100
mA
CHARACTERISTIC
SYMBOL
RATING
UNIT
Cathode to Anode Voltage
VKA
40
V
Cathode Current Range, Continuous
IK
-100 ~ 150
mA
Reference Input Current Range, Continuous
Iref
-0.05 ~ 10
mA
Maximum Junction Temperature
Tj, MAX
150
Operating Temperature
Topr
-40 ~ 125
Storage Temperature
Tstg
-65 ~ 150
Total Power Dissipation
KIA431
PD
700
mW
KIA431M
(Note1)
350
Thermal Resistance
KIA431
Rth(j-a)
179
℃/W
KIA431M
(Note1)
357



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com