Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KID65783AP-AF Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KID65783AP-AF
Description  SEMICONDUCTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KID65783AP-AF Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KID65783AP-AF Datasheet HTML 1Page - KEC(Korea Electronics) KID65783AP-AF Datasheet HTML 2Page - KEC(Korea Electronics) KID65783AP-AF Datasheet HTML 3Page - KEC(Korea Electronics) KID65783AP-AF Datasheet HTML 4Page - KEC(Korea Electronics) KID65783AP-AF Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2015. 9. 23
3/5
KID65783AP/AF
Revision No : 4
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Leakage Curret
ICEX
1
VCC=VCC MAX. VIN=0.4V
Ta=25
℃
-
-
100
μA
Output Saturation Voltage
VCE(sat)
2
VIN=VIN(ON), IOUT=-350mA
-
-
2.0
V
VIN=VIN(ON), IOUT=-225mA
-
-
1.9
VIN=VIN(ON), IOUT=-100mA
-
-
1.8
Input Current
IIN(ON)
3
VIN=2.4V
-
36
52
μA
VIN=3.85V
-
180
260
Input Voltage
VIN(ON)
4
VCE=2.0V, IOUT=-350mA
-
-
2.0
V
VIN(OFF)
IOUT=-500μ
A
0.8
-
-
Supply Current
ICC(ON)
3
VIN=VIN(ON), VCC=50V
-
-
2.5
mA/ch
Clamp Diode Reverse Current
IR
5
VR=50V
-
-
50
μA
Clamp Diode Forward Voltage
VF
6
IF=350mA
-
-
2.0
V
Turn-On Delay
tON
7
VCC=VCC MAX. RL=125Ω
CL=15pF
-
0.15
-
μs
Turn-Off Delay
tOFF
-
1.8
-
RECOMMENDED OPERATING CONDITIONS (Ta=-40
~85℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VCC
-
-
-
50
V
Output Current
AP
IOUT
Ta=85
℃
Tj=120
℃
Tpw=25mS
Duty=10%
8 Circuits
-
-
-260
mA/ch
Duty=50%
8 Circuits
-
-
-59
Duty=10%
8 Circuits
-
-
-180
AF
Duty=50%
8 Circuits
-
-
-38
Input Voltage
VIN
-
-
-
12
V
Input Voltage
Output ON
VIN (ON)
-
2.0
5.0
15
V
Output OFF
VIN (OFF)
-
0
-
0.8
Clamp Diode
Reverse Voltage
AP
VR
-
-
-
50
V
AF
-
-
35
Clamp Diode Forward Current
IF
-
-
-
400
mA
Power Dissipation
AP
PD
-
-
-
0.52
W
AF
-
-
0.35



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com