Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UT6264CSC-70 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # UT6264CSC-70
Description  8K X 8 BIT LOW POWER CMOS SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UT6264CSC-70 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button UT6264CSC-70 Datasheet HTML 2Page - List of Unclassifed Manufacturers UT6264CSC-70 Datasheet HTML 3Page - List of Unclassifed Manufacturers UT6264CSC-70 Datasheet HTML 4Page - List of Unclassifed Manufacturers UT6264CSC-70 Datasheet HTML 5Page - List of Unclassifed Manufacturers UT6264CSC-70 Datasheet HTML 6Page - List of Unclassifed Manufacturers UT6264CSC-70 Datasheet HTML 7Page - List of Unclassifed Manufacturers UT6264CSC-70 Datasheet HTML 8Page - List of Unclassifed Manufacturers UT6264CSC-70 Datasheet HTML 9Page - List of Unclassifed Manufacturers UT6264CSC-70 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
UTRON
UT6264C
Rev. 1.1
8K X 8 BIT LOW POWER CMOS SRAM
UTRON TECHNOLOGY INC.
P80028
1F, No. 11, R&D Rd. II, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C.
TEL: 886-3-5777882 FAX: 886-3-5777919
6
DATA RETENTION CHARACTERISTICS (TA = 0℃ to 70℃)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP. MAX. UNIT
Vcc for Data Retention
VDR
1
CE ≧ VCC-0.2V or CE2 ≤ 0.2V
2.0
-
5.5
V
-L
-
1
50
µA
Data Retention Current
IDR
Vcc=2V
1
CE ≧VCC-0.2V or CE2 ≤ 0.2V
-LL
-
0.5
20
µA
Chip Disable to Data
Retention Time
tCDR
See Data RetentionWaveforms
(below)
0
-
-
ns
Recovery Time
tR
tRC*
-
-
ns
tRC* = Read Cycle Time
DATA RETENTION WAVEFORM
Low Vcc Data Retention Waveform (1) (
1
CE controlled)
Data Retention Mode
VDR ≧ 2V
CE1 ≧ VCC-0.2V
Vcc
Vcc
VIH
VIH
VCC
CE1
tR
tCDR
Low Vcc Data Retention Waveform (2) (CE2 controlled)
Data Retention Mode
VDR ≧ 2V
Vcc
Vcc
VCC
tR
tCDR
CE2 ≦ 0.2V
VIL
VIL
CE2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com