Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UT6264CSCL-70 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # UT6264CSCL-70
Description  8K X 8 BIT LOW POWER CMOS SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UT6264CSCL-70 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  UT6264CSCL-70 Datasheet HTML 1Page - List of Unclassifed Manufacturers UT6264CSCL-70 Datasheet HTML 2Page - List of Unclassifed Manufacturers UT6264CSCL-70 Datasheet HTML 3Page - List of Unclassifed Manufacturers UT6264CSCL-70 Datasheet HTML 4Page - List of Unclassifed Manufacturers UT6264CSCL-70 Datasheet HTML 5Page - List of Unclassifed Manufacturers UT6264CSCL-70 Datasheet HTML 6Page - List of Unclassifed Manufacturers UT6264CSCL-70 Datasheet HTML 7Page - List of Unclassifed Manufacturers UT6264CSCL-70 Datasheet HTML 8Page - List of Unclassifed Manufacturers UT6264CSCL-70 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
UTRON
UT6264C
Rev. 1.1
8K X 8 BIT LOW POWER CMOS SRAM
UTRON TECHNOLOGY INC.
P80028
1F, No. 11, R&D Rd. II, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C.
TEL: 886-3-5777882 FAX: 886-3-5777919
4
TIMING WAVEFORMS
READ CYCLE 1 (Address Controlled) (1,2,4)
tRC
Address
DOUT
Data Valid
tAA
tOH
tOH
READ CYCLE 2 (
1
CE , CE2 and OE Controlled) (1,3,5,6)
t RC
t AA
t ACE1
t ACE2
t OE
t CHZ1
t CHZ2
t OHZ
t CLZ1
t CLZ2
t OH
t OLZ
HIGH-Z
Data Valid
HIGH-Z
Address
CE1
CE2
OE
Dout
Notes :
1.
WE is HIGH for a read cycle.
2. Device is continuously selected OE ,
1
CE =VIL and CE2=VIH.
3. Address must be valid prior to or coincident with
1
CE low and CE2 high transition; otherwise tAA is the limiting parameter.
4.
OE is low.
5. tCLZ1, tCLZ2, tOLZ, tCHZ1, tCHZ2 and tOHZ are specified with CL=5pF. Transition is measured ± 500mV from steady state.
6. At any given temperature and voltage condition, tCHZ1 is less than tCLZ1, tCHZ2 is less than tCLZ2, tOHZ is less than tOLZ.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com