Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SI5341 Datasheet(PDF) 32 Page - Silicon Laboratories

Part # SI5341
Description  Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5341 Datasheet(HTML) 32 Page - Silicon Laboratories

Back Button SI5341_16 Datasheet HTML 28Page - Silicon Laboratories SI5341_16 Datasheet HTML 29Page - Silicon Laboratories SI5341_16 Datasheet HTML 30Page - Silicon Laboratories SI5341_16 Datasheet HTML 31Page - Silicon Laboratories SI5341_16 Datasheet HTML 32Page - Silicon Laboratories SI5341_16 Datasheet HTML 33Page - Silicon Laboratories SI5341_16 Datasheet HTML 34Page - Silicon Laboratories SI5341_16 Datasheet HTML 35Page - Silicon Laboratories SI5341_16 Datasheet HTML 36Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
Table 5.12. Crystal Specifications
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Crystal Frequency Range
fXTAL
Full operating range. Jitter per-
formance may be reduced.
24.97
54.06
MHz
Range for best jitter.
48
54
MHz
Load Capacitance
CL
8
pF
Crystal Drive Level
dL
200
μW
Equivalent Series Resistance
Shunt Capacitance
rESR
CO
Refer to the Si5341/40 Family Reference Manual to determine ESR and shunt ca-
pacitance.
Note:
1. Refer to the Si5341/40 Family Reference Manual for recommended 48 to 54 MHz crystals. The Si5341/40 are designed to work
with crystals that meet these specifications.
Table 5.13. Thermal Characteristics
Parameter
Symbol
Test Condition1
Value
Units
Si5341 - 64QFN
Thermal Resistance
Junction to Ambient
ϴJA
Still Air
22
°C/W
Air Flow 1 m/s
19.4
Air Flow 2 m/s
18.3
Thermal Resistance
Junction to Case
ϴJC
9.5
Thermal Resistance
Junction to Board
ϴJB
9.4
ΨJB
9.3
Thermal Resistance
Junction to Top Center
ΨJT
0.2
Si5340 - 44QFN
Thermal Resistance
Junction to Ambient
ϴJA
Still Air
22.3
°C/W
Air Flow 1 m/s
19.4
Air Flow 2 m/s
18.4
Thermal Resistance
Junction to Case
ϴJC
10.9
Thermal Resistance
Junction to Board
ϴJB
9.3
ΨJB
9.2
Thermal Resistance
Junction to Top Center
ΨJT
0.23
Note:
1. Based on PCB Dimension: 3 x 4.5 mm, PCB Land/Via under GND pad: 36, Number of Cu Layers: 4
Si5341/40 Rev D Data Sheet
Electrical Specifications
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com