Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMLSH-4 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLSH-4
Description  SURFACE MOUNT PICOmini DUAL, ISOLATED SILICON SCHOTTKY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLSH-4 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLSH-4 Datasheet HTML 1Page - Central Semiconductor Corp CMLSH-4 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
40
V
Continuous Forward Current
IF
200
mA
Peak Repetitive Forward Current
IFRM
350
mA
Forward Surge Current, tp=10ms
IFSM
750
mA
Power Dissipation
PD
250
mW
Operating and Storage
Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
500
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE:
(TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
BVR
IR=100µA40
50
V
VF
IF=2.0mA
0.29
0.33
V
VF
IF=15mA
0.37
0.42
V
VF
IF=100mA
0.61
0.80
V
VF
IF=200mA
0.65
1.0
V
IR
VR=25V
90
500
nA
IR
VR=25V, TA=100°C
25
100
µA
CT
VR=1.0V, f=1.0 MHz
7.0
pF
trr
IF=IR=10mA, Irr=1.0mA, RL=100Ω
5.0
ns
CMLSH-4
SURFACE MOUNT PICOminiTM
DUAL, ISOLATED
SILICON
SCHOTTKY DIODES
SOT-563 CASE
Central
Semiconductor Corp.
TM
R0 (05-June 2003)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMLSH-4 are
two individual electrically isolated 40 volt Schottky
Diodes, in a space saving SOT-563 surface mount
package. This PICOmini™ device has been
designed for applications requiring fast switching
speeds and a low forward voltage drop.
MARKING CODE: C4E


Similar Part No. - CMLSH-4

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLSH-4DO CENTRAL-CMLSH-4DO Datasheet
91Kb / 2P
SURFACE MOUNT PICOmini DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
CMLSH-4DO CENTRAL-CMLSH-4DO_10 Datasheet
579Kb / 2P
SURFACE MOUNT DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
CMLSH-4DO CENTRAL-CMLSH-4DO_15 Datasheet
507Kb / 3P
ISOLATED OPPOSING SCHOTTKY DIODE
CMLSH-4 CENTRAL-CMLSH-4_10 Datasheet
582Kb / 2P
SURFACE MOUNT DUAL, ISOLATED SILICON SCHOTTKY DIODES
CMLSH-4 CENTRAL-CMLSH-4_15 Datasheet
510Kb / 3P
ISOLATED SCHOTTKY DIODE
More results

Similar Description - CMLSH-4

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLSH05-4DO CENTRAL-CMLSH05-4DO Datasheet
87Kb / 2P
SURFACE MOUNT PICOmini-TM DUAL ISOLATED, LOW V-f OPPOSING SILICON SCHOTTKY DIODES
CMLD6001DO CENTRAL-CMLD6001DO Datasheet
89Kb / 2P
SURFACE MOUNT PICOmini??DUAL, ISOLATED, OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES
CMLD2838 CENTRAL-CMLD2838 Datasheet
55Kb / 2P
SURFACE MOUNT PICOmini DUAL PAIR, SILICON SWITCHING DIODES
CMLD3003DO CENTRAL-CMLD3003DO Datasheet
94Kb / 2P
SURFACE MOUNT PICOmini DUAL, ISOLATED, OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES
CMLD4448 CENTRAL-CMLD4448 Datasheet
88Kb / 2P
SURFACE MOUNT PICOmini DUAL, ISOLATED HIGH SPEED SILICON SWITCHING DIODES
CMLD6001 CENTRAL-CMLD6001 Datasheet
88Kb / 2P
SURFACE MOUNT PICOmini??DUAL, ISOLATED LOW LEAKAGE SILICON SWITCHING DIODES
CMLD6263 CENTRAL-CMLD6263 Datasheet
98Kb / 2P
SURFACE MOUNT PICOmini DUAL, ISOLATED HIGH VOLTAGE SILICON SCHOTTKY DIODES
CMLD6263A CENTRAL-CMLD6263A Datasheet
104Kb / 2P
SURFACE MOUNT PICOmini??DUAL PAIR, HIGH VOLTAGE SILICON SCHOTTKY DIODES
CMLD6263DO CENTRAL-CMLD6263DO Datasheet
99Kb / 2P
SURFACE MOUNT PICOmini DUAL OPPOSING HIGH VOLTAGE SILICON SCHOTTKY DIODES
CMLSH-4DO CENTRAL-CMLSH-4DO Datasheet
91Kb / 2P
SURFACE MOUNT PICOmini DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com