Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JCS Datasheet(PDF) 1 Page - jb Capacitors Company

Part # JCS
Description  SMD Aluminum Electrolytic Capacitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JCS Datasheet(HTML) 1 Page - jb Capacitors Company

  JCS_15 Datasheet HTML 1Page - jb Capacitors Company JCS_15 Datasheet HTML 2Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Ø
Designed for surface mounting on high density circuit board.
Ø
Emboss carrier tape packing system is available for automatic insertion.
SPECIFICATIONS
Operating Temperature
-40℃ ~ +85℃
Voltage Range
4V ~ 100V.DC
Capacitance Range
0.1 ~ 10000μF
Capacitance Tolerance
±
20% at 120Hz, 20℃
Leakage Current
Leakage current (Φ4~Φ10) ≤0.01CV or 3μA, whichever is greater
(After 2 minutes application of rated voltage)
Leakage current (Φ12.5~Φ16) ≤0.03CV or 4μA, whichever is greater
(After 1 minutes application of rated voltage)
Dissipation Factor (Tan δ)
Measurement Frequency: 120Hz, Temperature: 20℃
Rated Voltage (V)
4
6.3
10
16
25
35
50
63
100
Φ
4~Φ10
0.35
0.30
0.24
0.20
0.16
0.14
0.14
0.12
0.10
Tan δ
(Max.)
Φ
12.5~Φ16
0.42
0.38
0.34
0.30
0.26
0.22
0.18
0.14
0.10
Stability At Low Temp.
Measurement Frequency: 120Hz
Rated Voltage (V)
4
6.3
10
16
25
35
50~100
Z(-25℃)/ Z(20℃)
7
4
3
2
2
2
2
Φ
4~Φ10
Z(-40℃)/ Z(20℃)
15
8
6
4
4
3
3
Z(-25℃)/ Z(20℃)
7
5
4
3
2
2
2
Impedance
Ratio
ZT/Z20
(Max.)
Φ
12.5~Φ
16
Z(-40℃)/ Z(20℃)
17
12
10
8
5
4
3
Load Life
After 2000 hours application of rated voltage at 85℃,
Capacitors meet the characteristics requirements listed below.
Capacitance Change
Within ± 20% of initial value (Within ± 30% of initial value for 4V)
Dissipation Factor
200% or less of initial specified value
Leakage Current
Initial specified value or less
Shelf Life
After leaving capacitors under no load at 85
for 1000 hours,
℃
They meet the specified value for load life characteristics listed above.
Resistance to Soldering Heat
After reflow soldering and restored at room temperature, they meet the characteristics listed below.
Capacitance Change
Within ± 10% of initial value
Dissipation Factor
Initial specified value or less
Leakage Current
Initial specified value or less
DRAWING (Unit: mm)
*1 Voltage mark for 6.3V is [6V]
*2 Applicable toΦ8x10.5~Φ10
*3 Applicable toΦ12.5~Φ16
(mm)
Φ
DxL
4x5.4
5x5.4
6.3x5.4
6.3x7.7
8x6.2
8x10.5
10x10.5
10x13.5
12.5x13.5
12.5x16
16x16.5
16x21.5
A
1.8
2.1
2.4
2.4
3.3
2.9
3.2
3.2
4.7
4.7
5.5
5.5
B
4.3
5.3
6.6
6.6
8.3
8.3
10.3
10.3
13.0
13.0
17.0
17.0
C
4.3
5.3
6.6
6.6
8.3
8.3
10.3
10.3
13.0
13.0
17.0
17.0
E±0.2
1.0
1.3
2.2
2.2
2.2
3.1
4.4
4.4
4.4
4.4
6.7
6.7
L
5.4
5.4
5.4
7.7
6.2
10.5
10.5
13.5
13.5
16.0
16.5
21.5
Please visit our website to get more update data, those data & specification are subject to change without notice.
SMD Aluminum Electrolytic Capacitor – JCS
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283


Similar Part No. - JCS_15

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
JCS010-2001-1 YAMAICHI-JCS010-2001-1 Datasheet
93Kb / 1P
Memory Stick Duo / Memory Stick (2-in-1)
logo
JILIN SINO-MICROELECTRO...
JCS11N90ABT-GD-B JSMC-JCS11N90ABT-GD-B Datasheet
1Mb / 10P
N-CHANNEL MOSFET
201812C
JCS11N90ABT-GD-BR JSMC-JCS11N90ABT-GD-BR Datasheet
1Mb / 10P
N-CHANNEL MOSFET
201812C
JCS11N90T JSMC-JCS11N90T Datasheet
1Mb / 10P
N-CHANNEL MOSFET
201812C
JCS11N90WT JSMC-JCS11N90WT Datasheet
877Kb / 8P
High efficiency switch mode power supplies
More results

Similar Description - JCS_15

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JCZ JBCAPACITORS-JCZ_15 Datasheet
333Kb / 3P
SMD Aluminum Electrolytic Capacitor
JCL JBCAPACITORS-JCL_15 Datasheet
295Kb / 3P
SMD Aluminum Electrolytic Capacitor
JCK JBCAPACITORS-JCK_15 Datasheet
387Kb / 2P
SMD Aluminum Electrolytic Capacitor
JCE JBCAPACITORS-JCE_15 Datasheet
260Kb / 2P
SMD Aluminum Electrolytic Capacitor
JCC JBCAPACITORS-JCC_15 Datasheet
190Kb / 2P
SMD Aluminum Electrolytic Capacitor
JCA JBCAPACITORS-JCA Datasheet
316Kb / 2P
SMD Aluminum Electrolytic Capacitor
JCE JBCAPACITORS-JCE_17 Datasheet
260Kb / 2P
SMD Aluminum Electrolytic Capacitor
JCN JBCAPACITORS-JCN_17 Datasheet
266Kb / 2P
SMD Aluminum Electrolytic Capacitor
JCS JBCAPACITORS-JCS_17 Datasheet
350Kb / 2P
SMD Aluminum Electrolytic Capacitor
JCZ JBCAPACITORS-JCZ_17 Datasheet
357Kb / 3P
SMD Aluminum Electrolytic Capacitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com