Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC7513E/2K5 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7513E/2K5
Description  Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7513E/2K5 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC7513E/2K5 Datasheet HTML 8Page - Texas Instruments DAC7513E/2K5 Datasheet HTML 9Page - Texas Instruments DAC7513E/2K5 Datasheet HTML 10Page - Texas Instruments DAC7513E/2K5 Datasheet HTML 11Page - Texas Instruments DAC7513E/2K5 Datasheet HTML 12Page - Texas Instruments DAC7513E/2K5 Datasheet HTML 13Page - Texas Instruments DAC7513E/2K5 Datasheet HTML 14Page - Texas Instruments DAC7513E/2K5 Datasheet HTML 15Page - Texas Instruments DAC7513E/2K5 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
DAC7513
12
SBAS157A
www.ti.com
TYPICAL CHARACTERISTICS: VDD = +2.7V (Cont.)
At TA = +25°C and +VDD = +2.7V, unless otherwise noted.
EXITING POWER-DOWN
(800
H Loaded)
Time (5
µs/div)
CLK (2.7V/div)
V
OUT (1V/div)
CODE CHANGE GLITCH
Time (0.5
µs/div)
Loaded with 2k
Ω
and 200pF to GND.
Code Change:
800
H to 7FFH.
THEORY OF OPERATION
DAC SECTION
The architecture consists of a string DAC followed by an
output buffer amplifier. Figure 1 shows a block diagram of the
DAC architecture.
The input coding to the DAC7513 is straight binary, so the
ideal output voltage is given by:
VV
D
OUT
REF
=
•
4096
where D = decimal equivalent of the binary code that is
loaded to the DAC register; it can range from 0 to 4095.
RESISTOR STRING
The resistor string shown in Figure 2 is simply a string of
resistors, each of value R. The code loaded into the DAC
register determines at which node on the string the voltage
is tapped off to be fed into the output amplifier by closing one
of the switches connecting the string to the amplifier. It is
ensured monotonic because it is a string of resistors.
FIGURE 1. DAC7513 Architecture.
DAC Register
REF (+)
Resistor String
REF (–)
Output
Amplifier
GND
V
DD
V
OUT
V
FB
OUTPUT AMPLIFIER
The output buffer amplifier is capable of generating rail-to-rail
voltages on its output which gives an output range of
0V to VDD, it is capable of driving a load of 2kΩ in parallel with
1000pF to GND. The source and sink capabilities of the output
amplifier can be seen in the typical characteristics. The slew
rate is 1V/
µs with a half-scale settling time of 8µs with the output
unloaded.
FIGURE 2. Resistor String.
To Output
Amplifier
R
R
R
R
R
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com