Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS2770AE-025/T Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS2770AE-025/T
Description  Battery Monitor and Charge Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2770AE-025/T Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS2770AE-025/T Datasheet HTML 17Page - Dallas Semiconductor DS2770AE-025/T Datasheet HTML 18Page - Dallas Semiconductor DS2770AE-025/T Datasheet HTML 19Page - Dallas Semiconductor DS2770AE-025/T Datasheet HTML 20Page - Dallas Semiconductor DS2770AE-025/T Datasheet HTML 21Page - Dallas Semiconductor DS2770AE-025/T Datasheet HTML 22Page - Dallas Semiconductor DS2770AE-025/T Datasheet HTML 23Page - Dallas Semiconductor DS2770AE-025/T Datasheet HTML 24Page - Dallas Semiconductor DS2770AE-025/T Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
DS2770
21 of 27
FUNCTION COMMANDS Table 3
COMMAND
DESCRIPTION
COMMAND
PROTOCOL
BUS STATE AFTER
COMMAND
PROTOCOL
BUS DATA
Read Data
Reads data from
memory map starting
at address XX
69h, XX
Master RX
Unlimited
Write Data
Writes data to memory
starting at address XX
6Ch, XX
Master Tx
Unlimited
Copy Data
Copies shadow RAM
data to EEPROM
block that begins with
address location XX
48h, XX
Master Reset
None
Recall Data
Recalls EEPROM
block that begins with
address location XX to
shadow RAM
B8h, XX
Master Reset
None
Lock
Permanently locks the
block of lockable
EEPROM memory
that begins with
address location XX
6Ah, XX
Master Reset
None
Refresh
Restores Status
Register initialization
data
63h
Master Reset
None
Start Charge
Initiates charge
through the host
interface.
B5h
Master Reset
None
Stop Charge
Terminates charge
through the host
interface.
BEh
Master Reset
None
I/O SIGNALING
The 1-Wire bus requires strict signaling protocols to insure data integrity. The DS2770 uses the following
four protocols: the initiation sequence (reset pulse followed by presence pulse), Write 0, Write 1, and
Read Data. All of these types of signaling except the presence pulse are initiated by the bus master.
Figure 18 shows the initialization sequence required to begin any communication with the DS2770. A
presence pulse following a reset pulse indicates the DS2770 is ready to accept a Net Address command.
The bus master transmits (TX) a reset pulse for tRSTL. The bus master then releases the line and goes into
Receive Mode (RX). The 1-Wire bus line is then pulled high by the pull-up resistor. After detecting the
rising edge on the DQ pin, the DS2770 waits for the tPDH and then transmits the presence pulse for tPDL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com