Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMVL250ADA331MJA0G Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EMVL250ADA331MJA0G
Description  3000 to 5000-hours-life, 105?
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EMVL250ADA331MJA0G Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EMVL250ADA331MJA0G Datasheet HTML 1Page - United Chemi-Con, Inc. EMVL250ADA331MJA0G Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
3000 to 5000-hours-life, 105
℃
AIchipTM-
MVL
Series
・Endurance : 3,000 to 5,000 hours at 105℃
・Suitable for applications requiring long life such as continuously operating
equipment, industrial applications, etc
・Solvent resistant type (see PRECAUTIONS AND GUIDELINES)
・RoHS Compliant
◆SPECIFICATIONS
(at 20
℃,120Hz)
(at 20
℃, after 2 minutes)
(at 20
℃,120Hz)
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tan
δ)
Low Temperature
Characteristics
(Max. impedance Ratio)
Endurance
Shelf Life
Items
-40 to +105
℃
6.3 to 50Vdc
±20%(M)
I=0.03CV or 4
µA, whichever is greater
Where, I : Max. leakage current (
µA), C : Nominal capacitance (µF), V : Rated voltage (V)
Rated voltage (Vdc)
Max. tan
δ
Rated voltage(Vdc)
Z(-25
℃)/Z(+20℃)
Z(-40
℃)/Z(+20℃)
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after the rated voltage is applied for
specified time at 105
℃.
Capacitance change
≦±30% of the initial value
Time
D60 to F80
:3,000 hours
HA0 & JA0
:5,000 hours
D.F. (tan
δ)
≦300% of the initial specified value
Leakage current
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 1,000 hours at 105℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
≦±30% of the initial value
D.F. (tan
δ)
≦300% of the initial specified value
Leakage current
≦The initial specified value
Characteristics
6.3V
0.28
6.3V
4
10
10V
0.24
10V
3
7
16V
0.20
16V
2
5
25V
0.16
25V
2
3
35V
0.13
35V
2
3
50V
0.12
50V
2
3
◆DIMENSIONS [mm]
L
±0.3 (Note)
0.3max.
A
±0.2
W
Note : L
±0.5 for HA0 and JA0
Size code
D60
E60
F60
F80
HA0
JA0
D
4
5
6.3
6.3
8
10
L
5.7
5.7
5.7
7.7
10.0
10.0
A
4.3
5.3
6.6
6.6
8.3
10.3
B
4.3
5.3
6.6
6.6
8.3
10.3
C
5.1
5.9
7.2
7.2
9.0
11.0
W
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.7 to 1.1
0.7 to 1.1
P
1.0
1.4
1.9
1.9
3.1
4.5
●
Terminal Code : A
Vent for JA0
Longer life
MVL
MVJ P93
◆MARKING
9hL
47
16V
EX) 16V47
µF
◆PART NUMBERING SYSTEM
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 4.7
µF:4R7,10µF:100)
Taping code
Terminal code
Voltage code (ex. 6.3V:6R3,10V:100,50V:500)
Series code
Category
E M V L A A A A D A A A A
A A A G
M
1
3
4
2
6
7
8
9
10
13
12
5
18
17
16
11
15
14
Please refer to "Product code guide (surface mount type)"
91
CAT. No. E1001N
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EMVL250ADA331MJA0G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EMVL250ADA331MJA0G CHEMI-CON-EMVL250ADA331MJA0G Datasheet
37Kb / 1P
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EMVL250ADA331MJA0G

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JCL JBCAPACITORS-JCL Datasheet
295Kb / 3P
Load life of 3000~5000 hours
logo
United Chemi-Con, Inc.
EMVL6R3ADA CHEMI-CON-EMVL6R3ADA Datasheet
361Kb / 2P
3000 to 5000-hours-life, 105?
EMVL100ADA CHEMI-CON-EMVL100ADA Datasheet
361Kb / 2P
3000 to 5000-hours-life, 105?
EMVL160ADA CHEMI-CON-EMVL160ADA Datasheet
361Kb / 2P
3000 to 5000-hours-life, 105?
EMVL350ADA CHEMI-CON-EMVL350ADA Datasheet
361Kb / 2P
3000 to 5000-hours-life, 105?
EMVL500ADA CHEMI-CON-EMVL500ADA Datasheet
361Kb / 2P
3000 to 5000-hours-life, 105?
EMZK6R3ADA CHEMI-CON-EMZK6R3ADA Datasheet
368Kb / 2P
Low impedance, 5000-hours-life, 105?
EMZK160ADA CHEMI-CON-EMZK160ADA Datasheet
368Kb / 2P
Low impedance, 5000-hours-life, 105?
EMZK250ADA CHEMI-CON-EMZK250ADA Datasheet
368Kb / 2P
Low impedance, 5000-hours-life, 105?
EMZK350ADA CHEMI-CON-EMZK350ADA Datasheet
368Kb / 2P
Low impedance, 5000-hours-life, 105?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com