Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EL2125CSZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL2125CSZ
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2125CSZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL2125CSZ Datasheet HTML 4Page - Intersil Corporation EL2125CSZ Datasheet HTML 5Page - Intersil Corporation EL2125CSZ Datasheet HTML 6Page - Intersil Corporation EL2125CSZ Datasheet HTML 7Page - Intersil Corporation EL2125CSZ Datasheet HTML 8Page - Intersil Corporation EL2125CSZ Datasheet HTML 9Page - Intersil Corporation EL2125CSZ Datasheet HTML 10Page - Intersil Corporation EL2125CSZ Datasheet HTML 11Page - Intersil Corporation EL2125CSZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
FN7045.2
April 21, 2005
FIGURE 23. 1MHz HARMONIC DISTORTION vs OUTPUT
SWING
FIGURE 24. 1MHz HARMONIC DISTORTION vs OUTPUT
SWING
FIGURE 25. TOTAL HARMONIC DISTORTION vs FREQUENCY
FIGURE 26. VOLTAGE AND CURRENT NOISE vs FREQUENCY
FIGURE 27. SETTLING TIME vs ACCURACY
FIGURE 28. GROUP DELAY
Typical Performance Curves (Continued)
-40
-50
-60
-70
-90
-100
-110
06
7
VOUT (VPP)
45
23
1
-80
VS=±5V
RF=180Ω
AV=10
RL=500Ω
2ND HD
3RD HD
-30
-40
-60
-80
-90
-100
-110
05
25
VOUT (VPP)
VS=±15V
RF=180Ω
AV=10
RL=500Ω
10
15
20
-50
-70
2ND HD
3RD HD
-30
-60
-80
-90
1K
10K
100M
FREQUENCY (Hz)
VS=±5V
VO=2VPP
AV=10
RF=180Ω
RL=500Ω
100K
1M
10M
-40
-50
-70
100
10
1
0.1
10
100
1K
10K
100K
FREQUENCY (Hz)
IN, VS=±5V
IN, VS=±15V
VN, VS=±5V
VN, VS=±15V
60
50
40
30
20
10
0
0.1
1
10
ACCURACY (%)
VS=±15V
VO=5VPP
VS=±5V
VO=5VPP
VS=±15V
VO=2VPP
VS=±5V
VO=2VPP
-6
14
1
400
FREQUENCY (MHz)
2
10
6
-2
10
100
AV=20
AV=10
VS=±15V
EL2125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com