Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AA3528LSESK-J3 Datasheet(PDF) 1 Page - Kingbright Corporation

Part # AA3528LSESK-J3
Description  3.5x2.8mm SURFACE MOUNT LED LAMP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA3528LSESK-J3 Datasheet(HTML) 1 Page - Kingbright Corporation

  AA3528LSESK-J3 Datasheet HTML 1Page - Kingbright Corporation AA3528LSESK-J3 Datasheet HTML 2Page - Kingbright Corporation AA3528LSESK-J3 Datasheet HTML 3Page - Kingbright Corporation AA3528LSESK-J3 Datasheet HTML 4Page - Kingbright Corporation AA3528LSESK-J3 Datasheet HTML 5Page - Kingbright Corporation AA3528LSESK-J3 Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAN8369
REV NO: V.2A
DATE: MAR/09/2015
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: L.Q.Xie
ERP: 1201008904
3.5x2.8mm SURFACE MOUNT LED LAMP
Part Number: AA3528LSESK/J3
Hyper Red
Features
Single color.
Suitable for all SMT assembly and solder process.
Available on tape and reel.
Ideal for backlighting.
Package : 2000pcs / reel.
Moisture sensitivity level : level 3.
Low current IF=2mA operating.
RoHS compliant.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
Description
The Hyper Red device is based on light emitting diode chip
made from AlGaInP.


Similar Part No. - AA3528LSESK-J3

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3528LSESK-J4 KINGBRIGHT-AA3528LSESK-J4 Datasheet
284Kb / 6P
3.5x2.8mm SURFACE MOUNT LED LAMP
More results

Similar Description - AA3528LSESK-J3

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3528WG1S KINGBRIGHT-AA3528WG1S Datasheet
280Kb / 6P
3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528LSYCKT-J3 KINGBRIGHT-AA3528LSYCKT-J3 Datasheet
301Kb / 5P
3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528SECKT-J4 KINGBRIGHT-AA3528SECKT-J4 Datasheet
264Kb / 5P
3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528SYCKT-AMT KINGBRIGHT-AA3528SYCKT-AMT Datasheet
328Kb / 6P
3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528ZGC-G KINGBRIGHT-AA3528ZGC-G Datasheet
265Kb / 5P
3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528ZGCK KINGBRIGHT-AA3528ZGCK Datasheet
298Kb / 5P
3.5x2.8mm SURFACE MOUNT LED LAMP
AAA3528ESGCT KINGBRIGHT-AAA3528ESGCT Datasheet
328Kb / 6P
3.5x2.8mm SURFACE MOUNT LED LAMP
AAA3528LSEEZGKQBKS KINGBRIGHT-AAA3528LSEEZGKQBKS Datasheet
355Kb / 8P
3.5x2.8mm SURFACE MOUNT LED LAMP
AAAF3529LSEEZGKQBKS KINGBRIGHT-AAAF3529LSEEZGKQBKS Datasheet
397Kb / 8P
3.5x2.8mm SURFACE MOUNT LED LAMP
AAAF3529LSEKJ3ZGKQBS KINGBRIGHT-AAAF3529LSEKJ3ZGKQBS Datasheet
376Kb / 8P
3.5x2.8mm SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com