Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1N4151WS Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # 1N4151WS
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

1N4151WS Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  1N4151WS Datasheet HTML 1Page - SUNMATE electronic Co., LTD 1N4151WS Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Typical Characteristics Tamb = 25 °C, unless otherwise specified
Figure 1. Forward Current vs. Forward Voltage
Figure 2. Dynamic Forward Resistance vs. Forward Current
Figure 3. Admissible Power Dissipation vs. Ambient Temperature
18742
1000
100
10
1
0.1
0.01
0
0.4 0.6 0.8
1 1.2 1.4 1.6 1.8 2
0.2
V - Forward Voltage (V)
=100
°C
Tj
25
°C
F
18662
1
10
100
1000
10000
110
0.1
0.01
100
IF - Forward Current (mA)
=25
°C
Tj
f=1kHz
200
18743
Tamb - Ambient Temperature (°C)
1000
800
600
400
200
20 40 60 80 100 120 140 160180
0
0
Figure 4. Relative Capacitance vs. Reverse Voltage
Figure 5. Leakage Current vs. Junction Temperature
18664
246
8
0
1.1
1.0
0.9
0.8
0.7
10
VR - Reverse Voltage (V)
=25
°C
Tj
f=1MHz
1
18744
10
100
1000
10000
020
4060 80 100 120 140 160 180 200
Tj - Junction Temperature (°C)
=50 V
VR
2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com