Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDLL914A Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # FDLL914A
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

FDLL914A Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  FDLL914A Datasheet HTML 1Page - SUNMATE electronic Co., LTD FDLL914A Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Fast Switching Speed
General Purpose Rectification
Silicon Epitaxial Planar Construction
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current (Note 1)
IFM
Average Rectified Output Current (Note 1)
IO
150
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0s
@ t = 1.0
ms
IFSM
1.0
2.0
A
Power Dissipation (Note 1)
Derate Above 25
°C
Pd
500
1.68
mW
mW/
°C
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
Operating and Storage Temperature Range
Tj ,TSTG
-65 to +175
°C
@ TA = 25
°C unless otherwise specified
Notes: 1. Valid provided that device terminals are kept at ambient temperature.
¾
1.0
IF = 10mA
Maximum Peak Reverse Current
IRM
¾
5.0
50
30
25
mA
mA
mA
nA
VR = 75V
VR = 70V, Tj = 150
°C
VR = 20V, Tj = 150
°C
VR = 20V
Capacitance
Cj
¾
4.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
¾
4.0
ns
IF = 10mA to IR =1.0mA
VR = 6.0V, RL = 100
W
FDLL914A
Maximum Ratings and Electrical Characteristics
Characteristic
Symbol
Unit
300
mA
Maximum Forward Voltage
Characteristic
Symbo
Condition
l
Min
Max
Unit
Test
!
!
FDLL914A
1 of 2
!
300
K/W
SURFACE MOUNT FAST SWITCHING DIODE
Case: SOD-80/LL34, Glass
Terminals: Solderable per MIL-STD-202,
Method 208
Polarity: Cathode Band
Weight: 0.05 grams (approx.)
Mechanical Data
!
!
!
!
!
LL34/ SOD-80
A
C
B
Dim
Min
Max
A
3.30
3.70
B
1.30
1.60
C
0.28
0.50
All Dimensions in mm


Similar Part No. - FDLL914A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDLL914A FAIRCHILD-FDLL914A Datasheet
78Kb / 4P
Small Signal Diode
FDLL914A FAIRCHILD-FDLL914A Datasheet
336Kb / 10P
General Purpose Diodes
FDLL914A FAIRCHILD-FDLL914A Datasheet
101Kb / 4P
Small Signal Diode
FDLL914A FAIRCHILD-FDLL914A Datasheet
116Kb / 4P
Small Signal Diode
FDLL914A FAIRCHILD-FDLL914A Datasheet
137Kb / 6P
Small Signal Diode
More results

Similar Description - FDLL914A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com