Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM99 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM99
Description  짹1C Accurate, High Temperature, Remote Diode Temperature Sensor with Two-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM99 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM99 Datasheet HTML 1Page - National Semiconductor (TI) LM99 Datasheet HTML 2Page - National Semiconductor (TI) LM99 Datasheet HTML 3Page - National Semiconductor (TI) LM99 Datasheet HTML 4Page - National Semiconductor (TI) LM99 Datasheet HTML 5Page - National Semiconductor (TI) LM99 Datasheet HTML 6Page - National Semiconductor (TI) LM99 Datasheet HTML 7Page - National Semiconductor (TI) LM99 Datasheet HTML 8Page - National Semiconductor (TI) LM99 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM99
±1˚C Accurate, High Temperature, Remote Diode
Temperature Sensor with Two-Wire Interface
General Description
The LM99 is an 11-bit remote diode temperature sensor with
a 2-wire System Management Bus (SMBus) serial interface.
The LM99 accurately measures: (1) its own temperature and
(2) the temperature of a remote diode-connected transistor
such as the 2N3904 or a thermal diode commonly found on
Graphics Processor Units (GPU), Computer Processor Units
(CPU or other ASICs. The LM99 remote diode temperature
sensor shifts the temperature from the remote sensor down
16˚C and operates on that shifted temperature:
T
ACTUAL DIODE JUNCTION =TLM99 + 16˚C
The local temperature reading requires no offset.
The LM99 has an Offset Register which provides a means
for precise matching to various thermal diodes. Contact
hardware.monitor@nsc.com for the latest details.
The LM99 and LM99-1 have the same functions but different
SMBus slave addresses. This allows for one of each to be on
the same bus at the same time.
Activation of the ALERT output occurs when any tempera-
ture goes outside a preprogrammed window set by the HIGH
and LOW temperature limit registers or exceeds the T_CRIT
temperature limit. Activation of the T_CRIT_A occurs when
any temperature exceeds the T_CRIT programmed limit.
Features
n
Accurately senses the temperature of remote diodes
n
Offset register allows use of a variety of thermal diodes
n
On-board local temperature sensing
n
10 bit plus sign remote diode temperature data format,
0.125 ˚C resolution
n
T_CRIT_A output useful for system shutdown
n
ALERT output supports SMBus 2.0 protocol
n
SMBus 2.0 compatible interface, supports TIMEOUT
n
8-pin MSOP package
Key Specifications
j Supply Voltage
3.0 V to 3.6 V
j Supply Current
0.8 mA (typ)
j Local Temp Accuracy (includes quantization error)
T
A = 25˚C to 125˚C
±3.0˚C (max)
j Remote Diode Temp Accuracy (includes quantization
error)
T
A= 30˚C to 50˚C, TD= 120˚C to 140˚C
±1.0˚C (max)
T
A= 0˚C to 85˚C, TD= 25˚C to 140˚C
±3.0˚C (max)
Applications
n
Graphics Processor Thermal Management
n
Computer Processor Thermal Management
n
Electronic Test Equipment
n
Office Electronics
Simplified Block Diagram
20053801
NVIDIA® is a registered trademark of NVIDIA Corporation.
GeForce™ is a trademark of NVIDIA Corporation.
Intel® and Pentium® are registered trademarks of Intel Corporation.
July 2003
© 2003 National Semiconductor Corporation
DS200538
www.national.com


Similar Part No. - LM99

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM99 TI-LM99 Datasheet
1Mb / 30P
LM99 짹1째C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface
LM99 TI2-LM99 Datasheet
707Kb / 30P
LM99 ±1°C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface
REVISED MARCH 2013
LM99-1CIMM/NOPB TI-LM99-1CIMM/NOPB Datasheet
1Mb / 30P
LM99 짹1째C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface
LM99-1CIMM/NOPB TI2-LM99-1CIMM/NOPB Datasheet
707Kb / 30P
LM99 ±1°C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface
REVISED MARCH 2013
LM99-1CIMM/NOPB.A TI2-LM99-1CIMM/NOPB.A Datasheet
707Kb / 30P
LM99 ±1°C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface
REVISED MARCH 2013
More results

Similar Description - LM99

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM86 NSC-LM86 Datasheet
414Kb / 21P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM63 NSC-LM63 Datasheet
339Kb / 28P
짹1C/짹3C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
LM89 NSC-LM89 Datasheet
745Kb / 20P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM90 NSC-LM90 Datasheet
384Kb / 20P
3 Degree Celcious Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM86 TI1-LM86 Datasheet
1Mb / 33P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
logo
Global Mixed-mode Techn...
G780 GMT-G780 Datasheet
162Kb / 1P
짹1C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
LM86 TI-LM86_15 Datasheet
1Mb / 34P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM89 TI-LM89 Datasheet
1Mb / 37P
Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
LM90 TI-LM90_15 Datasheet
1Mb / 32P
Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM99 TI-LM99_15 Datasheet
1Mb / 30P
LM99 짹1째C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com