Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV301 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV301
Description  Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV301 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMV301 Datasheet HTML 1Page - National Semiconductor (TI) LMV301 Datasheet HTML 2Page - National Semiconductor (TI) LMV301 Datasheet HTML 3Page - National Semiconductor (TI) LMV301 Datasheet HTML 4Page - National Semiconductor (TI) LMV301 Datasheet HTML 5Page - National Semiconductor (TI) LMV301 Datasheet HTML 6Page - National Semiconductor (TI) LMV301 Datasheet HTML 7Page - National Semiconductor (TI) LMV301 Datasheet HTML 8Page - National Semiconductor (TI) LMV301 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
2.7V AC Electrical Characteristics Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+
= 2.7V, V
− = 0V, V
CM = 1.0V, VO = 1.35V and RL > 1MΩ. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Typ
(Note 4)
Units
SR
Slew Rate
(Note 6)
0.60
V/µs
GBW
Gain Bandwidth Product
1
MHz
φm
Phase Margin
65
Deg
G
m
Gain Margin
10
dB
e
n
Input-Referred Voltage
Noise
f = 1kHz, V
CM = 0.5V
f = 100kHz
40
30
nV/
THD
Total Harmonic Distortion
f = 1kHz, A
V =+1
R
L = 600kΩ,VIN =1VPP
0.077
%
5V DC Electrical Characteristics Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ =
5V, V
− = 0V, V
CM =V
+/2, V
O =V
+/2, and R
L > 1MΩ. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
V
OS
Input Offset Voltage
V
CM = 0.5V, V
+ = 3V, V− = −2V
0.9
8
9
mV
I
B
Input Bias Current
0.182
35
50
pA
I
S
Supply Current
V
CM = 0.5V, V
+ = 3V, V− = −2V
163
260
285
µA
CMRR
Common Mode Rejection
Ratio
−1.3V
≤ V
CM ≤ 2.5V
62
61
111
dB
PSRR
Power Supply Rejection
Ratio
1.8V
≤ V+ ≤ 5V
67
62
110
dB
V
CM
Input Common-Mode
Voltage Range
For CMRR
≥ 50dB
−0.3
0
3.8
V
A
V
Large Signal Voltage Gain
Sourcing
R
L = 600Ω to 0V, V
+ = 2.5V, V− =
−2.5V, V
O = −2V to 2V, VCM =0V
86
82
117
dB
R
L =2kΩ to 0V, V
+ = 2.5V, V− =
−2.5V, V
O = −2V to 2V, VCM =0V
89
85
116
Sinking
R
L = 600Ω to 0V, V
+ = 2.5V, V− =
−2.5V, V
O = −2V to 2V, VCM =0V
80
75
105
dB
R
L =2kΩ to 0V, V
+ = 2.5V, V− =
−2.5V, V
O = −2V to 2V, VCM =0V
80
75
107
V
O
Output Swing
R
L = 600Ω to 2.5V
V
IN = ±100mV
V
OH
4.850
4.840
4.893
V
V
OL
0.1
0.150
1.160
V
R
L =2kΩ to 2.5V
V
IN = ±100mV
V
OH
4.935
4.966
V
V
OL
0.034
0.065
0.075
V
I
O
Output Short Circuit
Current
Sourcing,
V
O = 0V, VIN = 100mV
85
68
108
mA
Sinking,
V
O = 5V, VIN = −100mV
60
45
69
mA
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com