Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NPI73C151KTRF Datasheet(PDF) 9 Page - NIC-Components Corp.

Part # NPI73C151KTRF
Description  NPI Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI73C151KTRF Datasheet(HTML) 9 Page - NIC-Components Corp.

  NPI73C151KTRF Datasheet HTML 1Page - NIC-Components Corp. NPI73C151KTRF Datasheet HTML 2Page - NIC-Components Corp. NPI73C151KTRF Datasheet HTML 3Page - NIC-Components Corp. NPI73C151KTRF Datasheet HTML 4Page - NIC-Components Corp. NPI73C151KTRF Datasheet HTML 5Page - NIC-Components Corp. NPI73C151KTRF Datasheet HTML 6Page - NIC-Components Corp. NPI73C151KTRF Datasheet HTML 7Page - NIC-Components Corp. NPI73C151KTRF Datasheet HTML 8Page - NIC-Components Corp. NPI73C151KTRF Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Chip size
CARRIER TAPE DIMENSIONS (mm)
Bo
Ao
Ko
P
W
E
F
Po
t
NPI32C
3.7±0.1
3.2±0.1
2.3±0.1
8.0±0.1
12.0±0.1
1.75±0.1
5.5±0.1
4.0±0.1
0.35±0.05
NPI43C
4.6±0.1
4.1±0.1
3.6±0.1
8.0±0.1
12.0±0.1
0.40±0.05
NPI52C
6.0±0.1
5.4±0.1
2.3±0.1
8.0±0.1
12.0±0.1
0.35±0.05
NPI54C
6.1±0.1
5.6±0.1
4.8±0.1
8.0±0.1
12.0±0.1
0.40±0.05
NPI73C
8.1±0.1
7.3±0.1
4.0±0.1
12.0±0.1
16.0±0.1
7.5±0.1
0.40±0.05
NPI75C
8.1±0.1
7.3±0.1
5.3±0.1
12.0±0.1
16.0±0.1
0.40±0.05
NPI104C
10.3±0.1
9.3±0.1
4.5±0.1
16.0±0.1
24.0±0.1
11.5±0.1
0.40±0.05
NPI105C
10.3±0.1
9.3±0.1
6.1±0.1
16.0±0.1
24.0±0.1
0.40±0.05
Po
P
E
W
F
K0
B0
A0
t
NPI Power Inductors
NPI__C Series
Tape Width
REEL DIMENSIONS (mm)
A(mm)
B(mm)
C(mm)
D(mm)
12mm
13.5 ± 0.5
100±1
13±0.5
330
16mm
16.5 ±0.5
24mm
24.5 ±0.5
Size
REEL QUANTITY PER CASE SIZE
NPI32C
NPI43C
NPI52C
NPI54C
NPI73C
NPI75C
NPI104C
NPI105C
Quantity per reel
3,000
2000
3,000
1,500
1,000
1,000
800
500
Tape Width
12mm
12mm
12mm
12mm
16mm
16mm
24mm
24mm
B
C
D
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com