Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NPI73C181KTRF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NPI73C181KTRF
Description  NPI Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI73C181KTRF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NPI73C181KTRF Datasheet HTML 1Page - NIC-Components Corp. NPI73C181KTRF Datasheet HTML 2Page - NIC-Components Corp. NPI73C181KTRF Datasheet HTML 3Page - NIC-Components Corp. NPI73C181KTRF Datasheet HTML 4Page - NIC-Components Corp. NPI73C181KTRF Datasheet HTML 5Page - NIC-Components Corp. NPI73C181KTRF Datasheet HTML 6Page - NIC-Components Corp. NPI73C181KTRF Datasheet HTML 7Page - NIC-Components Corp. NPI73C181KTRF Datasheet HTML 8Page - NIC-Components Corp. NPI73C181KTRF Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPI Power Inductors
NPI__C Series
Part Number
STANDARD VALUES - CASE SIZE 43 (4.5 x 4.0 x 3.2mm)
Inductance Value
(µH)
DC Resistance
(Ω)
DC Current
Isat/Irms (Amps)
Test Frequency
NPI43C1R0MTRF
1.0 ± 20%
0.03
4.0
100KHz
NPI43C1R4MTRF
1.4 ± 20%
0.04
3.5
NPI43C1R8MTRF
1.8 ± 20%
0.05
3.0
NPI43C2R2MTRF
2.2 ± 20%
0.06
2.6
NPI43C2R7MTRF
2.7 ± 20%
0.06
2.2
NPI43C3R3MTRF
3.3 ± 20%
0.07
2.0
NPI43C3R9MTRF
3.9 ± 20%
0.07
2.0
NPI43C4R7MTRF
4.7 ± 20%
0.08
1.9
NPI43C5R6MTRF
5.6 ± 20%
0.12
1.8
NPI43C6R8MTRF
6.8 ± 20%
0.14
1.6
NPI43C8R2MTRF
8.2 ± 20%
0.15
1.4
NPI43C100MTRF
10 ± 20%
0.19
1.1
1KHz
NPI43C120MTRF
12 ± 20%
0.21
1.1
NPI43C150MTRF
15 ± 20%
0.25
1.0
NPI43C180MTRF
18 ± 20%
0.3
1.0
NPI43C220MTRF
22 ± 20%
0.35
0.80
NPI43C270MTRF
27 ± 20%
0.45
0.75
NPI43C330MTRF
33 ± 20%
0.6
0.70
NPI43C390MTRF
39 ± 20%
0.7
0.65
NPI43C470MTRF
47 ± 20%
0.8
0.60
NPI43C560MTRF
56 ± 20%
0.85
0.55
NPI43C680MTRF
68 ± 20%
1.0
0.50
NPI43C820MTRF
82 ± 20%
1.1
0.46
NPI43C101MTRF
100 ± 20%
1.2
0.22
1KHz
NPI43C121MTRF
120 ± 20%
1.6
0.20
NPI43C151MTRF
150 ± 20%
2.0
0.20
NPI43C181MTRF
180 ± 20%
3.0
0.20
NPI43C221MTRF
220 ± 20%
3.0
0.20
Maximum +40°C temperature rise at Irms. Maximum -30% inductance change at Isat.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com