Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1619 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1619
Description  Low Voltage Current Mode PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1619 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1619 Datasheet HTML 10Page - Linear Technology LT1619 Datasheet HTML 11Page - Linear Technology LT1619 Datasheet HTML 12Page - Linear Technology LT1619 Datasheet HTML 13Page - Linear Technology LT1619 Datasheet HTML 14Page - Linear Technology LT1619 Datasheet HTML 15Page - Linear Technology LT1619 Datasheet HTML 16Page - Linear Technology LT1619 Datasheet HTML 17Page - Linear Technology LT1619 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LT1619
1619fa
APPLICATIO S I FOR ATIO
S/S
FB
VC
GND
8
7
6
5
1
2
3
4
VIN
DRV
GATE
SENSE
LT1619
+
RC
75k
CZ
15nF
CIN1: SANYO POSCAP 6TPB150M ×2
COUT1: SANYO POSCAP 10TPB220M ×4
D1: MOTOROLA MBRB1545CT
L1: SUMIDA CEPH149-1R0
RSENSE: PANASONIC 0.002Ω 1W
CIN2
1
µF
CERAMIC
CIN1
300
µF
+
COUT1
220
µF
×4
L1
1
µH
VIN
3.3V
D1
M1
FDS6680A
×2
CDRV
0.1
µF
CERAMIC
CP
150pF
RSENSE
COUT2
10
µF
CERAMIC
R1
37400
Ω
5V
8A
1619 F15a
R2
12400
Ω
Figure 15a. 3.3V to 5V/8A Boost Converter
LOAD CURRENT (A)
0.01
83
87
88
89
0.1
1
10
1619 F15b
86
85
84
VIN = 3.3V
Figure 15b. Efficiency of the 5V/8A Boost Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com