Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT3461 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3461
Description  1.3MHz/3MHz Step-Up DC/DC Converters with Integrated Schottky in ThinSOT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3461 Datasheet(HTML) 2 Page - Linear Technology

  LT3461 Datasheet HTML 1Page - Linear Technology LT3461 Datasheet HTML 2Page - Linear Technology LT3461 Datasheet HTML 3Page - Linear Technology LT3461 Datasheet HTML 4Page - Linear Technology LT3461 Datasheet HTML 5Page - Linear Technology LT3461 Datasheet HTML 6Page - Linear Technology LT3461 Datasheet HTML 7Page - Linear Technology LT3461 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LT3461/LT3461A
2
3461af
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
2.5
V
Maximum Operating Voltage
16
V
Feedback Voltage
1.235
1.255
1.275
V
●
1.225
1.280
V
Feedback Line Regulation
0.005
%/V
FB Pin Bias Current
●
40
100
nA
Supply Current
FB = 1.3V, Not Switching
2.8
3.6
mA
SHDN = 0V
0.1
0.5
µA
Switching Frequency (LT3461A)
●
2.1
3.0
3.9
MHz
Switching Frequency (LT3461)
●
1.0
1.3
1.7
MHz
Maximum Duty Cycle (LT3461A)
●
82
%
Maximum Duty Cycle (LT3461)
●
92
%
Switch Current Limit
300
420
600
mA
Switch VCESAT
ISW = 250mA
260
350
mV
Switch Leakage Current
VSW = 5V
0.01
1
µA
Schottky Forward Voltage
ISCHOTTKY = 250mA
800
1100
mV
Schottky Reverse Leakage
VOUT – SW = 40V
0.03
4
µA
SHDN Voltage High
1.5
V
SHDN Voltage Low
0.4
V
SHDN Pin Bias Current
35
50
µA
Input Voltage (VIN) .................................................. 16V
VOUT, SW Voltage .................................................... 40V
FB Voltage ................................................................. 5V
SHDN Voltage .......................................................... 16V
Operating Ambient
Temperature Range (Note 2) .................. – 40°C to 85°C
Maximum Junction Temperature .......................... 125°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 3V, VSHDN = 3V, unless otherwise noted.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ORDER PART
NUMBER
S6 PART MARKING
LTAHG
LTAEB
LT3461AES6
LT3461ES6
TJMAX = 125°C,
θJA = 150°C ON BOARD OVER
GROUND PLANE,
θJC = 120°C/W
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT3461E/LT3461AE is guaranteed to meet specifications from
0°C to 70°C. Specifications over the –40°C to 85°C operating temperature
range are assured by design, characterization and correlation with
statistical process controls.
6 VIN
5 VOUT
4 SHDN
SW 1
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
GND 2
FB 3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com