Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68AF031AL55B1T Datasheet(PDF) 14 Page - STMicroelectronics

Part # M68AF031AL55B1T
Description  256 Kbit (32K x 8) 5.0V Asynchronous SRAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AF031AL55B1T Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M68AF031AL55B1T Datasheet HTML 10Page - STMicroelectronics M68AF031AL55B1T Datasheet HTML 11Page - STMicroelectronics M68AF031AL55B1T Datasheet HTML 12Page - STMicroelectronics M68AF031AL55B1T Datasheet HTML 13Page - STMicroelectronics M68AF031AL55B1T Datasheet HTML 14Page - STMicroelectronics M68AF031AL55B1T Datasheet HTML 15Page - STMicroelectronics M68AF031AL55B1T Datasheet HTML 16Page - STMicroelectronics M68AF031AL55B1T Datasheet HTML 17Page - STMicroelectronics M68AF031AL55B1T Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
M68AF031A
14/22
Table 8. Write Mode AC Characteristics
Note: 1. At any given temperature and voltage condition, tWLQZ is less than tWHQX for any given device.
2. These parameters are defined as the time at which the outputs achieve the open circuit conditions and are not referenced to output
voltage levels.
Figure 15. Low VCC Data Retention AC Waveforms
Symbol
Parameter
M68AF031A
Unit
55
70
Min.
Max.
Min.
Max.
tAVAV
Write Cycle Time
55
70
ns
tAVEH
Address Valid to Chip Enable High
45
60
ns
tAVEL
Address valid to Chip Enable Low
0
0
ns
tAVWH
Address Valid to Write Enable High
45
60
ns
tAVWL
Address Valid to Write Enable Low
0
0
ns
tDVEH
Input Valid to Chip Enable High
25
30
ns
tDVWH
Input Valid to Write Enable High
25
30
ns
tEHAX
Chip Enable High to Address Transition
0
0
ns
tEHDX
Chip enable High to Input Transition
0
0
ns
tELEH
Chip Enable Low to Chip Enable High
45
60
ns
tELWH
Chip Enable Low to Write Enable High
45
60
ns
tWHAX
Write Enable High to Address Transition
0
0
ns
tWHDX
Write Enable High to Input Transition
0
0
ns
tWHQX
(1)
Write Enable High to Output Transition
5
5
ns
tWLEH
Write Enable Low to Chip Enable High
45
60
ns
tWLQZ
(1,2)
Write Enable Low to Output Hi-Z
20
25
ns
tWLWH
Write Enable Low to Write Enable High
45
50
ns
AI05925
DATA RETENTION MODE
tR
5.5V
tCDR
VCC
4.5V
VDR > 2.0V
E
E
≥ VDR – 0.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com