Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68AF511AL55MC1T Datasheet(PDF) 5 Page - STMicroelectronics

Part # M68AF511AL55MC1T
Description  4 Mbit (512K x8), 5V Asynchronous SRAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AF511AL55MC1T Datasheet(HTML) 5 Page - STMicroelectronics

  M68AF511AL55MC1T Datasheet HTML 1Page - STMicroelectronics M68AF511AL55MC1T Datasheet HTML 2Page - STMicroelectronics M68AF511AL55MC1T Datasheet HTML 3Page - STMicroelectronics M68AF511AL55MC1T Datasheet HTML 4Page - STMicroelectronics M68AF511AL55MC1T Datasheet HTML 5Page - STMicroelectronics M68AF511AL55MC1T Datasheet HTML 6Page - STMicroelectronics M68AF511AL55MC1T Datasheet HTML 7Page - STMicroelectronics M68AF511AL55MC1T Datasheet HTML 8Page - STMicroelectronics M68AF511AL55MC1T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5/18
M68AF511A
Figure 4. Block Diagram
MAXIMUM RATING
Stressing the device above the rating listed in the
Absolute Maximum Ratings table may cause per-
manent damage to the device. These are stress
ratings only and operation of the device at these or
any other conditions above those indicated in the
Operating sections of this specification is not im-
plied. Exposure to Absolute Maximum Rating con-
ditions for periods greater than 1 sec may affect
device reliability. Refer also to the STMicroelec-
tronics SURE Program and other relevant quality
documents.
Table 2. Absolute Maximum Ratings
Note: 1. One output at a time, not to exceed 1 second duration.
2. Up to a maximum operating VCC of 6.0V only.
AI05916
ROW
DECODER
A8
A18
DQ0
DQ7
COLUMN
DECODER
I/O CIRCUITS
A0
A7
W
G
MEMORY
ARRAY
E
VCC
VSS
Symbol
Parameter
Value
Unit
IO
(1)
Output Current
20
mA
TA
Ambient Operating Temperature
–55 to 125
°C
TSTG
Storage Temperature
–65 to 150
°C
VCC
Supply Voltage
–0.5 to 6.5
V
VIO
(2)
Input or Output Voltage
–0.5 to VCC +0.5
V
PD
Power Dissipation
1
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com