Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68AF511AL70MC1T Datasheet(PDF) 1 Page - STMicroelectronics

Part # M68AF511AL70MC1T
Description  4 Mbit (512K x8), 5V Asynchronous SRAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AF511AL70MC1T Datasheet(HTML) 1 Page - STMicroelectronics

  M68AF511AL70MC1T Datasheet HTML 1Page - STMicroelectronics M68AF511AL70MC1T Datasheet HTML 2Page - STMicroelectronics M68AF511AL70MC1T Datasheet HTML 3Page - STMicroelectronics M68AF511AL70MC1T Datasheet HTML 4Page - STMicroelectronics M68AF511AL70MC1T Datasheet HTML 5Page - STMicroelectronics M68AF511AL70MC1T Datasheet HTML 6Page - STMicroelectronics M68AF511AL70MC1T Datasheet HTML 7Page - STMicroelectronics M68AF511AL70MC1T Datasheet HTML 8Page - STMicroelectronics M68AF511AL70MC1T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/18
October 2002
M68AF511A
4 Mbit (512K x8), 5V Asynchronous SRAM
FEATURES SUMMARY
s
SUPPLY VOLTAGE: 4.5 to 5.5V
s
512K x 8 bits SRAM with OUTPUT ENABLE
s
EQUAL CYCLE and ACCESS TIMES: 55ns
s
LOW STANDBY CURRENT
s
LOW VCC DATA RETENTION: 2V
s
TRI-STATE COMMON I/O
s
LOW ACTIVE and STANDBY POWER
Figure 1. Packages
TSOP32 Type II (NC)
32
1
SO32 (MC)


Similar Part No. - M68AF511AL70MC1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AF511AL70MC1T STMICROELECTRONICS-M68AF511AL70MC1T Datasheet
93Kb / 18P
4 Mbit (512K x8), 5V Asynchronous SRAM
17-May-2002
More results

Similar Description - M68AF511AL70MC1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T512Y STMICROELECTRONICS-M48T512Y Datasheet
301Kb / 21P
3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
Feb-2005
M48T513Y STMICROELECTRONICS-M48T513Y Datasheet
145Kb / 23P
3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
20-Jun-2000
M68AF127B STMICROELECTRONICS-M68AF127B Datasheet
373Kb / 23P
1Mbit 128K x8, 5V Asynchronous SRAM
24-Sep-2004
M68AR512D STMICROELECTRONICS-M68AR512D Datasheet
140Kb / 19P
8 Mbit 512K x16 1.8V Asynchronous SRAM
09-Oct-2002
M68AW512D STMICROELECTRONICS-M68AW512D Datasheet
124Kb / 18P
8 Mbit 512K x16 3.0V Asynchronous SRAM
25-Nov-2002
logo
Silicon Storage Technol...
SST28SF040A SST-SST28SF040A Datasheet
323Kb / 24P
4 Mbit (512K x8) SuperFlash EEPROM
logo
STMicroelectronics
M68AW512M STMICROELECTRONICS-M68AW512M Datasheet
296Kb / 19P
8 Mbit (512K x16) 3.0V Asynchronous SRAM
27-Sep-2004
logo
Alliance Semiconductor ...
AS7C4096 ALSC-AS7C4096 Datasheet
246Kb / 9P
5V/3.3V 512K X8 CMOS SRAM
logo
STMicroelectronics
M68AF511AL STMICROELECTRONICS-M68AF511AL Datasheet
93Kb / 18P
4 Mbit (512K x8), 5V Asynchronous SRAM
17-May-2002
M68AW511A STMICROELECTRONICS-M68AW511A Datasheet
134Kb / 21P
4 Mbit (512K x8) 3.0V Asynchronous SRAM
24-Sep-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com