Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX4094ASD Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4094ASD
Description  Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4094ASD Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4094ASD Datasheet HTML 7Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 8Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 9Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 10Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 11Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 12Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 13Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 14Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Single/Dual/Quad, Micropower, Single-Supply,
Rail-to-Rail Op Amps
______________________________________________________________________________________
11
Test Circuits/Timing Diagrams (continued)
RESISTIVE LOAD (k
Ω)
10
1000
10,000
100
100
1
UNSTABLE REGION
VCC = 5V
VOUT = VCC/2
RL TO VEE
AV = 1
Figure 4. Capacitive-Load Stable Region Sourcing Current
VIN
50mV/div
10
µs/div
VOUT
50mV/div
RL =
∞
Figure 5. MAX4092 Voltage Follower with 1000pF Load
VIN
50mV/div
10
µs/div
VOUT
50mV/div
RL = 5k
Ω
Figure 6a. MAX4092 Voltage Follower with 500pF Load
(RL = 5k
Ω)
VIN
50mV/div
10
µs/div
VOUT
50mV/div
RL = 20k
Ω
Figure 6b. MAX4092 Voltage Follower with 500pF Load
(RL = 20k
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com