Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC3775-2.5BMM Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC3775-2.5BMM
Description  750mA UCap Low-Voltage Low-Dropout Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3775-2.5BMM Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC3775-2.5BMM Datasheet HTML 1Page - Micrel Semiconductor MIC3775-2.5BMM Datasheet HTML 2Page - Micrel Semiconductor MIC3775-2.5BMM Datasheet HTML 3Page - Micrel Semiconductor MIC3775-2.5BMM Datasheet HTML 4Page - Micrel Semiconductor MIC3775-2.5BMM Datasheet HTML 5Page - Micrel Semiconductor MIC3775-2.5BMM Datasheet HTML 6Page - Micrel Semiconductor MIC3775-2.5BMM Datasheet HTML 7Page - Micrel Semiconductor MIC3775-2.5BMM Datasheet HTML 8Page - Micrel Semiconductor MIC3775-2.5BMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
March 2003
5
MIC3775
MIC3775
Micrel
Typical Characteristics
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100
1000
FREQUENCY (KHz)
Power Supply
Rejection Ratio
IOUT=750mA
COUT =10µF
CIN =0
VIN = 5V
VOUT = 3.3V
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100
1000
FREQUENCY (KHz)
Power Supply
Rejection Ratio
IOUT=750mA
COUT =47µF
CIN =0
VIN =5V
VOUT =3.3V
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100
1000
FREQUENCY (KHz)
Power Supply
Rejection Ratio
IOUT=750mA
COUT =10µF
CIN =0
VIN =3.3V
VOUT =2.5V
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100
1000
FREQUENCY (KHz)
Power Supply
Rejection Ratio
IOUT=750mA
COUT =47µF
CIN =0
VIN =3.3V
VOUT =2.5V
0
50
100
150
200
250
300
0
0.25
0.5
0.75
OUTPUT CURRENT (A)
Dropout
vs. Output Current
1.8V
OUT
2.5V
OUT
3.3V
OUT
0
50
100
150
200
250
300
350
400
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Dropout
vs. Temperature
2.5VOUT
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.5
1.7
1.9
2.1
2.3
2.5
INPUT VOLTAGE (V)
Dropout Characteristics
(1.5V)
10mA Load
750mA Load
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1.5
2
2.5
3
INPUT VOLTAGE (V)
Dropout Characteristics
(1.8V)
10mA Load
750mA Load
0
0.5
1.0
1.5
2.0
2.5
3.0
1.5
2
2.5
3
3.5
INPUT VOLTAGE (V)
Dropout Characteristics
(2.5V)
10mA Load
750mA Load
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1.5
2
2.5
3
3.5
4
4.5
INPUT VOLTAGE (V)
Dropout Characteristics
(3.3V)
10mA Load
750mA Load
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
01
234
56
INPUT VOLTAGE (V)
Ground Current
vs. Supply Voltage (1.5V)
10mA
100mA
0
1
2
3
4
5
6
7
0
0.25
0.5
0.75
OUTPUT CURRENT (A)
Ground Current
vs. Output Current
3.3V
OUT
2.5V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com