Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC3775-3.3BMM Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC3775-3.3BMM
Description  750mA UCap Low-Voltage Low-Dropout Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3775-3.3BMM Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC3775-3.3BMM Datasheet HTML 4Page - Micrel Semiconductor MIC3775-3.3BMM Datasheet HTML 5Page - Micrel Semiconductor MIC3775-3.3BMM Datasheet HTML 6Page - Micrel Semiconductor MIC3775-3.3BMM Datasheet HTML 7Page - Micrel Semiconductor MIC3775-3.3BMM Datasheet HTML 8Page - Micrel Semiconductor MIC3775-3.3BMM Datasheet HTML 9Page - Micrel Semiconductor MIC3775-3.3BMM Datasheet HTML 10Page - Micrel Semiconductor MIC3775-3.3BMM Datasheet HTML 11Page - Micrel Semiconductor MIC3775-3.3BMM Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MIC3775
Micrel
MIC3775
8
March 2003
Functional Characteristics
V
IN = 3.3V
V
OUT = 2.5V
C
OUT = 10µF Ceramic
10mA
750mA
Load Transient Response
TIME (200
µs/div)
V
IN = 3.3V
V
OUT = 2.5V
C
OUT = 10µF Ceramic
10mA
750mA
Load Transient Response
TIME (200
µs/div)
5V
3.3V
V
OUT = 2.5V
C
OUT = 10µF Ceramic
Line Transient Response
TIME (200
µs/div)
V
IN = 3.3V
V
OUT = 2.5V
C
OUT = 10µF Ceramic
Enable Transient Response
TIME (10
µs/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com