Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC185 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPC185
Description  Security Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC185 Datasheet(HTML) 5 Page - Motorola, Inc

  MPC185 Datasheet HTML 1Page - Motorola, Inc MPC185 Datasheet HTML 2Page - Motorola, Inc MPC185 Datasheet HTML 3Page - Motorola, Inc MPC185 Datasheet HTML 4Page - Motorola, Inc MPC185 Datasheet HTML 5Page - Motorola, Inc MPC185 Datasheet HTML 6Page - Motorola, Inc MPC185 Datasheet HTML 7Page - Motorola, Inc MPC185 Datasheet HTML 8Page - Motorola, Inc MPC185 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MOTOROLA
MPC185 Security Processor Technical Summary
5
Each data packet descriptor contains the following:
•
Header—The header describes the required services and encodes information that indicates which
EUs to use and which modes to set.
•
Seven data length/data pointer pairs—The data length indicates the number of contiguous bytes of
data to be transferred. The data pointer indicates the starting address of the data, key, or context in
system memory.
•
Next descriptor pointer
A data packet descriptor ends with a pointer to the next data packet descriptor. Upon completion of the
current descriptor, this field is checked and, if non-zero, the channel is instructed to request a burst read of
the next descriptor.
Processing of the next descriptor (and whether or not a done signal is generated) is determined by the
programming of crypto-channel’s configuration register. Two modes of operation are supported:
•
Signal done at end of descriptor
•
Signal done at end of descriptor chain
The crypto-channel can signal done via an interrupt or by a write-back of the descriptor header after
processing a data packet descriptor. The value written back is identical to that of the header, with the
exception that a DONE field is set.
Occasionally, a descriptor field may not be applicable to the requested service. For example, if using DES
in ECB mode, the contents of the IV field do not affect the result of the DES computation. Therefore, when
processing data packet descriptors, the crypto-channel skips any pointer that has an associated length of
zero.
6.1 60x Interface
The 60x interface manages communication between the MPC185 internal execution units and the 60x bus.
The interface uses the 60x bus master/slave protocols. All on-chip resources are memory mapped, and the
target accesses and initiator writes from the MPC185 must be addressed on word boundaries. The MPC185
will perform initiator reads on byte boundaries and will adjust the data to place on word boundaries as
appropriate. Access to system memory is a critical factor in co-processor performance, and the native 60x
interface of the MPC185 allows it to achieve performance unattainable on secondary busses.
LEN_DATAOUT
PTR_DATAOUT
Length
Pointer
Number of bytes of data after ciphering
Pointer to location where cipher output is to be written
LEN_CTXOUT
PTR_CTXOUT
Length
Pointer
Length of output Context (IV)
Pointer to location where altered Context is to be written
Nul length
Nul pointer
Length
Pointer
Zeroes for fixed length descriptor filter
Zeroes for fixed length descriptor filter
Nul length
Nul pointer
Length
Pointer
Zeroes for fixed length descriptor filter
Zeroes for fixed length descriptor filter
PTR_NEXT
Pointer
Pointer to next data packet descriptor
Table 6-1. Example Data Packet Descriptor
Field Name
Value/Type
Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com