Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STD888 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # STD888
Description  isc Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STD888 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  STD888 Datasheet HTML 1Page - Inchange Semiconductor Company Limited STD888 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon PNP Power Transistor
STD888
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNI
T
V(BR)EBO
Emitter-Base Breakdown Voltage
IE=-0.1mA,IC=0
-6
V
V (BR)CEO) *
Collector-Emitter Breakdown Voltage
IC=-10mA, IB=0
-30
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC=-0.1mA ,IE=0
-60
V
VCE(sat) *
Collector-Emitter Saturation Voltage
IC= -0.5A; IB= -5mA
-0.15
V
IC= -2A; IB= -50mA
-0.25
V
IC= -5A; IB= -0.25A
-0.7
V
IC= -6A; IB= -0.25A
-0.7
V
IC= -8A; IB= -0.4A
-1.0
V
IC= -10A; IB= -0.5A
-1.5
V
VBE(sat)*
Base-Emitter Saturation Voltage
IC= -2A; IB= -50mA
-1.1
V
IC= -6A; IB= -0.25A
-1.4
V
ICBO
Collector Cutoff Current
VCB= -30V; IE= 0
-10
nA
IEBO
Emitter Cutoff Current
VEB= -6V; IC=0
-10
nA
hFE*
DC Current Gain
IC= -10mA; VCE= -1V
150
IC= -0.5A; VCE= -1V
150
300
IC= -5A; VCE= -1V
75
* Pulse Test: PW≤300μs, Duty Cycle≤1.5%
Switching Times; Resistive Load
td
Delay Time
IC= -3A; VCC= 20V;
IB1= IB2= -60mA
220
ns
tr
Rise Time
210
ns
ts
Storage Time
300
ns
tf
Fall Time
100
ns



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com