Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STD2805 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # STD2805
Description  isc Silicon PNP Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STD2805 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  STD2805 Datasheet HTML 1Page - Inchange Semiconductor Company Limited STD2805 Datasheet HTML 2Page - Inchange Semiconductor Company Limited STD2805 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon PNP Power Transistor
STD2805
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)EBO
Emitter-Base Breakdown Voltage
IE=-0.1mA,IC=0
-6
V
V (BR)CEO)
Collector-Emitter Breakdown Voltage
IC=-1mA, IB=0
-60
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC=-0.1mA ,IE=0
-60
V
VCE(sat) *
Collector-Emitter Saturation Voltage
IC= -100mA; IB= -5mA
-50
mV
IC= -2A; IB= -50mA
-0.3
V
IC= -3A; IB= -0.15A
-0.4
V
IC= -5A; IB= -0.2A
-0.6
V
VBE(sat)*
Base-Emitter Saturation Voltage
IC= -2A; IB= -50mA
-1.2
V
ICBO
Collector Cutoff Current
VCB= -60V; IE= 0
-100
nA
IEBO
Emitter Cutoff Current
VEB= -5V; IC=0
-100
nA
hFE*
DC Current Gain
IC= -100mA; VCE= -2V
200
400
IC= -5A; VCE= -2V
85
IC= -10A; VCE= -2V
20
fT
Current-Gain—Bandwidth Product
IC= -50mA ;VCE= -10V
150
MHZ
COB
Output Capacitance
VCB=-10V;f=1.0MHz
60
pF
* Pulse Test: PW≤300μs, Duty Cycle≤1.5%
Switching Times; Resistive Load
ton
Tur-on Time
IC= -1A; VCC= 30V;
IB1= IB2= -0.1A
80
ns
ts
Storage Time
600
ns
tf
Fall Time
70
ns



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com