Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8248CVR Datasheet(PDF) 54 Page - Motorola, Inc

Part # MPC8248CVR
Description  MPC8272 PowerQUICC II Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8248CVR Datasheet(HTML) 54 Page - Motorola, Inc

Back Button MPC8248CVR Datasheet HTML 48Page - Motorola, Inc MPC8248CVR Datasheet HTML 49Page - Motorola, Inc MPC8248CVR Datasheet HTML 50Page - Motorola, Inc MPC8248CVR Datasheet HTML 51Page - Motorola, Inc MPC8248CVR Datasheet HTML 52Page - Motorola, Inc MPC8248CVR Datasheet HTML 53Page - Motorola, Inc MPC8248CVR Datasheet HTML 54Page - Motorola, Inc MPC8248CVR Datasheet HTML 55Page - Motorola, Inc MPC8248CVR Datasheet HTML 56Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 54 / 56 page
background image
54
MPC8272 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Document Revision History
Document Revision History
0.1
9/2003
• Addition of the MPC8271 and the MPC8247 (these devices do not have a security engine)
• Table 5: Addition of note 2 to VIH
• Table 5: Changed IOL for 60x signals to 6.0 mA
• Modification of note 1 for Table 15, Table 16, Table 17, and Table 18
• Table 19: Addition of ball AD9 to GND. In rev 0 of this document, AD8 was listed as assigned
to both CS5 and GND. AD8 is only assigned to CS5.
• Table 19: Addition of note 4 to Thermal0 (D19) and Thermal1(J3)
• Addition of ZQ package code to Figure 15
0.2
12/2003
• Table 1: New
• Table 2: New
• Table 4: Modification of VDD and VCCSYN to 1.45–1.60 V
• Table 5: Addition of note 2 regarding TRST and PORESET (see VIH row of Table 5)
• Table 5 and Table 19: Addition of muxed signals
CPCI_HS_ES to PCI_REQ1 (AF14)
CPCI_HS_LED to PCI_GNT1 (AE13)
CPCI_HS_ENUM to PCI_GNT2 (AF21)
• Table 5 and Table 19: Modification of PCI signal names for consistency with PCI signal names
on other PowerQUICC II devices:
PCI_CFG0 (PCI_HOST_EN) (AC21)
PCI_CFG1 (PCI_ARB_EN) (AE22)
PCI_CFG2 (DLL_ENABLE) (AE23)
PCI_PAR (AF12)
PCI_FRAME (AD15)
PCI_TRDY(AF16)
PCI_IRDY (AF15)
PCI_STOP (AE15)
DEVSEL (AE14)
PCI_IDSEL (AC17)
PCI_PERR (AD14)
PCI_SERR (AD13)
PCI_REQ0–2 (AAE20, AF14, AB14)
PCI_GNT0–2 (AD20, AE13, AF21)
PCI_RST (AF22)
PCI_INTA (AE21)
PCI_C0-3 (AE12, AF13, AC15, AE18)
PCI_AD0-31
• Table 5 and Table 19: Corrected assertion level (added “ “) PCI_HOST_EN (AC21) and
PCI_ARB_EN (AE22)
• Table 6: Addition of RθJT and note 4
• Sections 4.1–4.5 and 4.7 on thermal characteristics: New
• Section 7, “Clock Configuration Modes”: Modification to first paragraph. Note that
PCI_MODCK is a bit in the Hard Reset Configuration Word. It is not an input signal as it is in
the MPC8280 Family and MPC8260 Family.
• Addition of “Note: Temperature Reflow for the VR Package" on page 51
• Table 19: Addition of note 2 to TRST (E21) and PORESET (C24)
• Table 19: Removal of Thermal0 (D19) and Thermal1(J3). These pins are now “No connects.”
Note 4 unchanged.
• Table 19: Removal of Spare0 (AD24). This pin is now a “No connect.” Note 5 unchanged.
• Table 19: Addition of PCI_MODE (AD22). This pin was previously listed as “Ground.” Addition
of note 1.
Table 21. Document Revision History
Revision
Date
Substantive Changes
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com