Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASPI-0418FS-220 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASPI-0418FS-220
Description  LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0418FS-220 Datasheet(HTML) 2 Page - Abracon Corporation

  ASPI-0418FS-220 Datasheet HTML 1Page - Abracon Corporation ASPI-0418FS-220 Datasheet HTML 2Page - Abracon Corporation ASPI-0418FS-220 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
No Polarity
A
B
C Max.
D
4.0±0.2
4.0±0.2
1.88 for R82-2R7
1.80 for 3R3-221
1.3
RoHS
Compliant
OUTLINE DRAWING:
Pb
Mechanical Dimensions (Effective date: 11/21/2012)
Circuit Schematic
Recommended Land Pattern
Dimension: mm
ASPI-0418FS
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
、
ABRACON IS
ISO9001:2008
CERTIFIED
Revised: 12.28.12-C
4.0 x 4.0 x 1.8mm/
4.0 x 4.0 x 1.88mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com