Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCI1520 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # PCI1520
Description  PC CARD CONTROLLERS
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1520 Datasheet(HTML) 51 Page - Texas Instruments

Back Button PCI1520 Datasheet HTML 47Page - Texas Instruments PCI1520 Datasheet HTML 48Page - Texas Instruments PCI1520 Datasheet HTML 49Page - Texas Instruments PCI1520 Datasheet HTML 50Page - Texas Instruments PCI1520 Datasheet HTML 51Page - Texas Instruments PCI1520 Datasheet HTML 52Page - Texas Instruments PCI1520 Datasheet HTML 53Page - Texas Instruments PCI1520 Datasheet HTML 54Page - Texas Instruments PCI1520 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 138 page
background image
3−15
Table 3−8. PCI1520 Registers Used to Program Serial-Bus Devices
PCI OFFSET
REGISTER NAME
DESCRIPTION
B0h
Serial-bus data
Contains the data byte to send on write commands or the received data byte on read commands.
B1h
Serial-bus index
The content of this register is sent as the word address on byte writes or reads. This register is not used
in the quick command protocol.
B2h
Serial-bus slave
address
Write transactions to this register initiate a serial-bus transaction. The slave device address and the
R/W command selector are programmed through this register.
B3h
Serial-bus control
and status
Read data valid, general busy, and general error status are communicated through this register. In
addition, the protocol-select bit is programmed through this register.
3.7
Programmable Interrupt Subsystem
Interrupts provide a way for I/O devices to let the microprocessor know that they require servicing. The dynamic
nature of PC Cards and the abundance of PC Card I/O applications require substantial interrupt support from the
PCI1520. The PCI1520 provides several interrupt signaling schemes to accommodate the needs of a variety of
platforms. The different mechanisms for dealing with interrupts in this device are based on various specifications and
industry standards. The ExCA register set provides interrupt control for some 16-bit PC Card functions, and the
CardBus socket register set provides interrupt control for the CardBus PC Card functions. The PCI1520 is, therefore,
backward compatible with existing interrupt control register definitions, and new registers have been defined where
required.
The PCI1520 detects PC Card interrupts and events at the PC Card interface and notifies the host controller using
one of several interrupt signaling protocols. To simplify the discussion of interrupts in the PCI1520, PC Card interrupts
are classified either as card status change (CSC) or as functional interrupts.
The method by which any type of PCI1520 interrupt is communicated to the host interrupt controller varies from
system to system. The PCI1520 offers system designers the choice of using parallel PCI interrupt signaling, parallel
ISA-type IRQ interrupt signaling, or the IRQSER serialized ISA and/or PCI interrupt protocol. It is possible to use the
parallel PCI interrupts in combination with either parallel IRQs or serialized IRQs, as detailed in the sections that
follow. All interrupt signaling is provided through the seven multifunction terminals, MFUNC0−MFUNC6.
3.7.1
PC Card Functional and Card Status Change Interrupts
PC Card functional interrupts are defined as requests from a PC Card application for interrupt service and are
indicated by asserting specially-defined signals on the PC Card interface. Functional interrupts are generated by
16-bit I/O PC Cards and by CardBus PC Cards.
Card status change (CSC)-type interrupts are defined as events at the PC Card interface that are detected by the
PCI1520 and may warrant notification of host card and socket services software for service. CSC events include both
card insertion and removal from PC Card sockets, as well as transitions of certain PC Card signals.
Table 3−9 summarizes the sources of PC Card interrupts and the type of card associated with them. CSC and
functional interrupt sources are dependent on the type of card inserted in the PC Card socket. The three types of cards
that can be inserted into any PC Card socket are:
•
16-bit memory card
•
16-bit I/O card
•
CardBus cards



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com