Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NCP3233 Datasheet(PDF) 13 Page - ON Semiconductor

Part # NCP3233
Description  High Current Synchronous Buck Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3233 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCP3233_16 Datasheet HTML 9Page - ON Semiconductor NCP3233_16 Datasheet HTML 10Page - ON Semiconductor NCP3233_16 Datasheet HTML 11Page - ON Semiconductor NCP3233_16 Datasheet HTML 12Page - ON Semiconductor NCP3233_16 Datasheet HTML 13Page - ON Semiconductor NCP3233_16 Datasheet HTML 14Page - ON Semiconductor NCP3233_16 Datasheet HTML 15Page - ON Semiconductor NCP3233_16 Datasheet HTML 16Page - ON Semiconductor NCP3233_16 Datasheet HTML 17Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
NCP3233
www.onsemi.com
13
TYPICAL CHARACTERISTICS
TJ, JUNCTION TEMPERATURE (°C)
−40 −25 −10
5
20
35
50
65
80
95 110 125
4.40
Figure 15. VB Rising Threshold Voltage vs.
Junction Temperature
4.38
4.36
4.34
4.32
4.30
TJ, JUNCTION TEMPERATURE (°C)
−40 −25 −10
5
20
35
50
65
80
95 110 125
4.08
Figure 16. VB Falling Threshold Voltage vs.
Junction Temperature
4.04
4.02
4.00
3.96
3.94
3.92
TJ, JUNCTION TEMPERATURE (°C)
−40 −25 −10
5
20
35
50
65
80
95 110 125
16
Figure 17. Quiescent Current vs. Junction
Temperature (VCC = 12 V, No Switching)
14
12
10
8
6
4
2
0
TJ, JUNCTION TEMPERATURE (°C)
−40 −25 −10
5
20
35
50
65
80
95 110 125
90
Figure 18. Shutdown Current vs. Junction
Temperature (VIN = 12 V)
89
87
86
84
83
81
80
TJ, JUNCTION TEMPERATURE (°C)
−40 −25 −10
5
20
35
50
65
80
95 110 125
60
Figure 19. LS OCP ISET Current vs. Junction
Temperature
40
35
30
25
20
TJ, JUNCTION TEMPERATURE (°C)
−40 −25 −10
5
20
35
50
65
80
95 110 125
3.0
Figure 20. Soft−Source Current vs. Junction
Temperature
2.8
2.6
2.5
2.4
2.1
2.0
3.98
4.06
82
85
88
45
50
55
2.2
2.3
2.7
2.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com