Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NCP4353ASNT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP4353ASNT1G
Description  Secondary Side SMPS OFF Mode Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4353ASNT1G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP4353ASNT1G Datasheet HTML 1Page - ON Semiconductor NCP4353ASNT1G Datasheet HTML 2Page - ON Semiconductor NCP4353ASNT1G Datasheet HTML 3Page - ON Semiconductor NCP4353ASNT1G Datasheet HTML 4Page - ON Semiconductor NCP4353ASNT1G Datasheet HTML 5Page - ON Semiconductor NCP4353ASNT1G Datasheet HTML 6Page - ON Semiconductor NCP4353ASNT1G Datasheet HTML 7Page - ON Semiconductor NCP4353ASNT1G Datasheet HTML 8Page - ON Semiconductor NCP4353ASNT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
NCP4353, NCP4354
www.onsemi.com
4
PIN FUNCTION DESCRIPTION
NCP4353A
NCP4353B
NCP4354A
NCP4354B
Pin Name
Description
1
1
8
8
VCC
Supply voltage pin
2
2
7
7
GND
Ground
6
6
1
1
VSNS
Output voltage sensing pin, connected to output
voltage divider
5
5
2
2
OFFDET
OFF mode detection input. Voltage divider pro-
vides adjustable off mode detection threshold
−
4
3
3
VMIN
Minimum output voltage adjustment
4
−
4
−
ISNS
Current sensing input for output current regulation,
connect it to shunt resistor in ground branch.
−
−
5
4
LED
PWM LED driver output. Connected to LED cath-
ode with current define by external serial resist-
ance
−
−
−
6
FBC
Output of current sinking OTA amplifier or amplifi-
ers driving feedback optocoupler’s LED. Connect
here compensation network (networks) as well.
−
−
−
5
ON/OFF
OFF mode current sink. This output keeps primary
control pin at low level in off mode.
3
3
6
−
DRIVE
Combination of FBC and ON/OFF pins
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage
VCC
−0.3 to 40
V
DRIVE, ON/OFF, FBC, LED Voltage
VDRIVE, VONOFF,
VFBC, VLED
−0.3 to VCC + 0.3
V
VSNS, ISNS, OFFDET, VMIN Voltage
VSNS, VISNS,
VOFFDET, VMIN
−0.3 to 10
V
LED Current
ILED
10
mA
Thermal Resistance − Junction−to−Air (Note 1)
NCP4353A
NCP4353B
NCP4354A
NCP4354B
RqJA
315
324
260
277
°C/W
Junction Temperature
TJ
−40 to 150
°C
Storage Temperature
TSTG
−60 to 150
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2000
V
ESD Capability, Machine Model (Note 2)
ESDMM
250
V
ESD Capability, Charged Device Model (Note 2)
ESDCDM
1000
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. 50 mm2, 1.0 oz. Copper spreader.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per JESD22−A114F
ESD Machine Model tested per JESD22−A115C
ESD Charged Device Model tested per JESD22−C101F
Latchup Current Maximum Rating tested per JEDEC standard: JESD78D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com