Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM1730E/2K Datasheet(PDF) 22 Page - Texas Instruments

Part # PCM1730E/2K
Description  24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1730E/2K Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM1730E/2K Datasheet HTML 16Page - Texas Instruments PCM1730E/2K Datasheet HTML 17Page - Texas Instruments PCM1730E/2K Datasheet HTML 18Page - Texas Instruments PCM1730E/2K Datasheet HTML 19Page - Texas Instruments PCM1730E/2K Datasheet HTML 20Page - Texas Instruments PCM1730E/2K Datasheet HTML 21Page - Texas Instruments PCM1730E/2K Datasheet HTML 22Page - Texas Instruments PCM1730E/2K Datasheet HTML 23Page - Texas Instruments PCM1730E/2K Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
PCM1730
SLES021 – NOVEMBER 2001
22
www.ti.com
TYPICAL CHARACTERISTICS
Figure 27
f – Frequency – kHz
–160
–140
–120
–100
–80
–60
–40
–20
0
0
5
10
15
20
VCC = 5 V
VDD = 3.3 V
fS = 44.1 kHz
TA = 25°C
BW = 20 kHz
–60-dB OUTPUT SPECTRUM
Figure 28
f – Frequency – kHz
–160
–140
–120
–100
–80
–60
–40
–20
0
0
20406080
100
VCC = 5 V
VDD = 3.3 V
fS = 44.1 kHz
TA = 25°C
BW = 100 kHz
–60-dB OUTPUT SPECTRUM
Figure 29
–100
–80
–60
–40
–20
0
Input Level – dBFS
VCC = 5 V
VDD = 3.3 V
TA = 25°C
TOTAL HARMONIC DISTORTION + NOISE
vs
INPUT LEVEL
100
0.1
0.010
0.001
0.0001
fS = 44.1 kHz
fS = 96 kHz
1
10
† All specifications at TA = 25°C, VDD = 3.3 V, VCC = 5 V, SCKI = 256 fS (fS = 44.1 kHz), and 24-bit input data (unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com