Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF2705PCBA-41X Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2705PCBA-41X
Description  LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2705PCBA-41X Datasheet(HTML) 5 Page - RF Micro Devices

  RF2705PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF2705PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF2705PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF2705PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF2705PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF2705PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF2705PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF2705PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF2705PCBA-41X Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5-117
RF2705
Rev A4 041026
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Output Performance with CW Baseband Inputs
Wideband Mode
Mode=Wideband FLOx2 (see Control Logic Truth Table for Mode Control Settings)
VGA and PA Driver
VCC=2.7V, T=+25°C, LO=975MHz to
990MHz at -10dBm, IQ=540mVP-P** at
100kHz, unless otherwise noted
Output Power W-CDMA Modu-
lated*
5
dBm
GC=2.0V, IQ=0.8VP-P at HQPSK
Output Power CW
2
5
8
dBm
GC=2.0V
Gain Control Voltage Range
0.2
2.0
V
Gain Control Range
92
dB
Difference between output power at
GC=2.0V and GC=0.2V
Gain Control Slope
73
dB/V
Calculated between GC=1.0V and 0.5V
Modulator
Sideband Suppression
-48
-30
dBc
GC=2.0V, No I/Q adjustment
*
-50
-30
dBc
GC=1.5V, No I/Q adjustment
*
-50
-30
dBc
GC=1.0V, No I/Q adjustment
*
-50
-30
dBc
GC=0.5V, No I/Q adjustment
Carrier Suppression
-42
-30
dBc
GC=2.0V, No I/Q adjustment
-41
-30
dBc
GC=1.5V, No I/Q adjustment
-38
-30
dBc
GC=1.0V, No I/Q adjustment
-23
-10
dBc
GC=0.5V, No I/Q adjustment
3rd Harmonic of Modulation
Suppression at FC-3x300kHz
-55
-50
dBc
GC=2.0V
Spurious Outputs
Spurious Output at Integer Multi-
ples of FLO LB*
GC=2.0V, I/Q=540mVP-P at 100kHz
FLO LB
-60.0
dBm
FLO LB leakage
4xFLO LB
-14.0
0
dBm
Second harmonic of carrier
6xFLO LB
-47.0
0
dBm
Third harmonic of carrier
Output Compression
Output P1dB*
+11.5
dBm
I/Q=100kHz
Intermodulation
Output IP3*
+20
dBm
GC=2.0V. Extrapolated from IM3 with two
baseband tones at 90kHz and 110kHz
applied differentially, in quadrature, at both I
and Q inputs, each tone 400mVP-P.
Intermodulation IM3 tone at
FC+70kHz and FC+130kHz
relative to tones at
FC+90kHz and FC+110kHz
-37
dBc
GC=2.0V
-40
dBc
GC=1.5V
* Not tested in Production
** Provides the same output power as modulated signal with associated crest factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com