| Electronic Components Datasheet Search |
|
REG102GA-2.85/2K5 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REG102GA-2.85/2K5 Datasheet(HTML) 1 Page - Texas Instruments |
|
1 / 20 page ![]() REG102 SBVS024F – NOVEMBER 2000 – REVISED SEPTEMBER 2005 www.ti.com PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Copyright © 2000-2005, Texas Instruments Incorporated DMOS 250mA Low-Dropout Regulator Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. FEATURES q NEW DMOS TOPOLOGY: Ultra Low Dropout Voltage: 150mV typ at 250mA Output Capacitor not Required for Stability q FAST TRANSIENT RESPONSE q VERY LOW NOISE: 28 µVrms q HIGH ACCURACY: ±1.5% max q HIGH EFFICIENCY: IGND = 600µA at IOUT = 250mA Not Enabled: IGND = 0.01µA q 2.5V, 2.8V, 2.85V, 3.0V, 3.3V, AND 5.0V ADJUSTABLE OUTPUT VERSIONS q OTHER OUTPUT VOLTAGES AVAILABLE UPON REQUEST q FOLDBACK CURRENT LIMIT q THERMAL PROTECTION q SMALL SURFACE-MOUNT PACKAGES: SOT23-5, SOT223-5, and SO-8 APPLICATIONS q PORTABLE COMMUNICATION DEVICES q BATTERY-POWERED EQUIPMENT q PERSONAL DIGITAL ASSISTANTS q MODEMS q BAR-CODE SCANNERS q BACKUP POWER SUPPLIES DESCRIPTION The REG102 is a family of low-noise, low-dropout linear regulators with low ground pin current. The new DMOS topology provides significant improvement over previous designs, including low-dropout voltage (only 150mV typ at full load), and better transient performance. In addition, no output capacitor is required for stability, unlike conventional low-dropout regulators that are difficult to compensate and require expensive low ESR capacitors greater than 1 µF. Typical ground pin current is only 600 µA (at I OUT = 250mA) and drops to 10nA when not enabled. Unlike regulators with PNP pass devices, quiescent current remains relatively con- stant over load variations and under dropout conditions. The REG102 has very low output noise (typically 28 µVrms for VOUT = 3.3V with CNR = 0.01µF), making it ideal for use in portable communications equipment. On-chip trimming results in high output voltage accuracy. Accuracy is main- tained over temperature, line, and load variations. Key pa- rameters are tested over the specified temperature range (–40 °C to +85°C). The REG102 is well protected—internal circuitry provides a current limit that protects the load from damage; furthermore, thermal protection circuitry keeps the chip from being dam- aged by excessive temperature. The REG102 is available in SOT23-5, SOT223-5, and SO-8 packages. REG102 (Fixed Voltage Versions) Enable GND 0.1 µF C OUT (1) + + V OUT V IN NR NR = Noise Reduction NOTE: (1) Optional. REG102-A GND Enable 0.1 µF + C OUT (1) + V OUT V IN R 2 R 1 Adj REG1 02 REG1 02 All trademarks are the property of their respective owners. |
Similar Part No. - REG102GA-2.85/2K5 |
|
Similar Description - REG102GA-2.85/2K5 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |