Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AL5802LP Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AL5802LP
Description  LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5802LP Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AL5802LP Datasheet HTML 2Page - Diodes Incorporated AL5802LP Datasheet HTML 3Page - Diodes Incorporated AL5802LP Datasheet HTML 4Page - Diodes Incorporated AL5802LP Datasheet HTML 5Page - Diodes Incorporated AL5802LP Datasheet HTML 6Page - Diodes Incorporated AL5802LP Datasheet HTML 7Page - Diodes Incorporated AL5802LP Datasheet HTML 8Page - Diodes Incorporated AL5802LP Datasheet HTML 9Page - Diodes Incorporated AL5802LP Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AL5802LP
Document number: DS37549 Rev. 4 - 2
9 of 10
www.diodes.com
March 2016
© Diodes Incorporated
AL5802LP
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-DFN1616-6 (Type F)
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-DFN1616-6
(Type F)
Dim
Min
Max
Typ
A
0.45
0.55
0.50
A1
0
0.05
0.02
A3
0.127
b
0.20
0.30
0.25
D
1.55
1.65
1.60
D1
1.14
1.34
1.24
D2
0.38
0.58
0.48
E
1.55
1.65
1.60
E2
0.54
0.74
0.64
e
0.50
K
0.23
L
0.15
0.35
0.25
Z
0.175
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.500
G
0.150
G1
0.180
X
0.320
X1
0.580
X2
1.320
Y
0.450
Y1
0.700
Y
1.900
Pin #1 ID
D2(2X)
D1
R0.10
0
K
D
E
e
b
L
A
A1
A3
E2(2x)
Z(4x)
Seating Plane
Y2
X2
Y
C
X
Y1
G
X1
G1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com