Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP16NK60Z Datasheet(PDF) 9 Page - STMicroelectronics

Part # STP16NK60Z
Description  N-CHANNEL 600V - 0.38??- 14A TO-220 / I2SPAK / TO-247 Zener-Protected SuperMESH??MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16NK60Z Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STP16NK60Z Datasheet HTML 3Page - STMicroelectronics STP16NK60Z Datasheet HTML 4Page - STMicroelectronics STP16NK60Z Datasheet HTML 5Page - STMicroelectronics STP16NK60Z Datasheet HTML 6Page - STMicroelectronics STP16NK60Z Datasheet HTML 7Page - STMicroelectronics STP16NK60Z Datasheet HTML 8Page - STMicroelectronics STP16NK60Z Datasheet HTML 9Page - STMicroelectronics STP16NK60Z Datasheet HTML 10Page - STMicroelectronics STP16NK60Z Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9/11
STP16NK60Z - STB16NK60Z-S - STW16NK60Z
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
A1
2.49
2.69
0.098
0.106
B
0.70
0.93
0.027
0.037
B2
1.14
1.70
0.045
0.067
C
0.45
0.60
0.018
0.024
C2
1.23
1.36
0.048
0.053
D
8.95
9.35
0.352
0.368
E
10.00
10.40
0.394
0.409
G
4.88
5.28
0.192
0.208
L
16.7
17.5
0.657
0.689
L2
1.27
1.4
0.05
0.055
L3
13.82
14.42
0.544
0.568
I2SPAK MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com